Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP60-5 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # DSP60-5
Description  7.5W to 100W Low Profile Din Rail Mount Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DSP60-5 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  DSP60-5 Datasheet HTML 1Page - RSG Electronic Components GmbH DSP60-5 Datasheet HTML 2Page - RSG Electronic Components GmbH DSP60-5 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DSP Series
29
mm [inch]
53.00
14.20
9.75
43.1
91.00
1
4
56
LN
Outline Drawing DSP30 Series
mm [inch]
71.00
14.20
9.75
43.1
91.00
14
56
DC LO
DC ON
Outline Drawing DSP60 Series
mm [inch]
91.00
14.20
9.75
43.1
89.9
1
4
56
Outline Drawing DSP100 Series


Similar Part No. - DSP60-5

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DSP60-5 RSG-DSP60-5 Datasheet
462Kb / 4P
   7.5W to 100W Low Profile 7.5W to 100W Low Profile
logo
TDK Electronics
DSP60-5 TDK-DSP60-5 Datasheet
203Kb / 1P
   AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DSP60-5

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DSP10 RSG-DSP10 Datasheet
462Kb / 4P
   7.5W to 100W Low Profile 7.5W to 100W Low Profile
DRB15 RSG-DRB15 Datasheet
1Mb / 5P
   15W to 100W Single Output DIN Rail Mount Power Supplies
DPP25-5 RSG-DPP25-5 Datasheet
231Kb / 3P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
List of Unclassifed Man...
DRB15-100 ETC2-DRB15-100 Datasheet
469Kb / 2P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
RSG Electronic Componen...
DPP15 RSG-DPP15 Datasheet
468Kb / 4P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
MORNSUN Science& Techno...
LI05-20B24 MORNSUN-LI05-20B24 Datasheet
457Kb / 2P
   DIN-RAIL POWER SUPPLIES
LI72-20B24 MORNSUN-LI72-20B24 Datasheet
644Kb / 3P
   DIN-RAIL POWER SUPPLIES
logo
TDK Electronics
DPP120-24-1 TDK-DPP120-24-1 Datasheet
579Kb / 2P
   120W 240W DIN Rail Mount Power Supplies
logo
RSG Electronic Componen...
DPP480-24-1 RSG-DPP480-24-1 Datasheet
306Kb / 3P
   480W Single Output DIN Rail Mount Power Supplies
logo
MicroPower Direct, LLC
DR-75 MPD-DR-75 Datasheet
120Kb / 2P
   Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com