Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPP120-48 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # DPP120-48
Description  120W & 240W Single Output DIN Rail Mount Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DPP120-48 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  DPP120-48 Datasheet HTML 1Page - RSG Electronic Components GmbH DPP120-48 Datasheet HTML 2Page - RSG Electronic Components GmbH DPP120-48 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
DPP120 & 240 Series
Model Selector
Voltage
Voltage
Current
Power
Effic.
Model
(V)
Adjust (V)
(A)
(W)
(typ) %
DPP120-12
12
11.4 - 14.5
10
120
84
DPP120-24
24
22.5 - 28.5
5
120
86
DPP120-48
48
45 - 55
2.5
120
87
DPP240-24
24
22.5 - 28.5
10
240
89
DPP240-48
48
47 - 56
5
240
90
PIN Assignments
Pin#
Function
1
DC Good Relay
2
DC Good Relay
3V+
4V+
5V-
6V-
7
GND
8L
9N
For plug type connectors add suffix ‘B’ to part number
LOCAL DISTRIBUTION
4
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - DPP120-48

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPP120-48-1 TDK-DPP120-48-1 Datasheet
579Kb / 2P
   120W 240W DIN Rail Mount Power Supplies
More results

Similar Description - DPP120-48

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPP120-24-1 TDK-DPP120-24-1 Datasheet
579Kb / 2P
   120W 240W DIN Rail Mount Power Supplies
logo
RSG Electronic Componen...
DRF120 RSG-DRF120 Datasheet
552Kb / 6P
   120W - 480W Single Output DIN Rail Mount Power Supplies
logo
Total Power Internation...
EDR-120 TOTAL-POWER-EDR-120 Datasheet
207Kb / 4P
   120W Single Output Industrial DIN RAIL
NDR-120 TOTAL-POWER-NDR-120 Datasheet
125Kb / 4P
   120W Single Output Industrial DIN RAIL
logo
Mean Well Enterprises C...
NDR-120 MEANWELL-NDR-120 Datasheet
134Kb / 4P
   120W Single Output Industrial DIN RAIL
logo
Total Power Internation...
DRP-240 TOTAL-POWER-DRP-240 Datasheet
209Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
WDR-240_1111 MEANWELL-WDR-240_1111 Datasheet
545Kb / 3P
   240W Single Output Industrial DIN RAIL Power Supply
DRP-240 MEANWELL-DRP-240 Datasheet
122Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
DRP-240 MEANWELL-DRP-240_11 Datasheet
350Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
DRP-240 MEANWELL-DRP-240_10 Datasheet
350Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com