Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DOH10-12T-P Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # DOH10-12T-P
Description  Non-isolated Point of load DC/DC converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DOH10-12T-P Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  DOH10-12T-P Datasheet HTML 1Page - RSG Electronic Components GmbH DOH10-12T-P Datasheet HTML 2Page - RSG Electronic Components GmbH DOH10-12T-P Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INPUT SPECIFICATIONS
Input voltage range
Vo(set) ≦3.63V
Vo(set) >3.63V
Vin(nom.) =12V
8.3 – 14VDC
8.3 – 13.2VDC
Maximum input current
Vin=8.3 to 14.0Vdc; Io=Io(max.)
7A
Input filter (Note 5)
C filter
Input no load current
(Vin=12V, Io=0, module enabled)
Vo(set) =0.75Vdc
Vo(set) =5.0Vdc
40mA,typ.
100mA,typ.
Input under voltage lockout
Start-up voltage
Shutdown voltage
7.9V,typ.
7.8V,typ.
Input reflected ripple current 5~20MHz, 1μH source impedance 20mAp-p
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
–40ºC ~ +85ºC(with derating)
Storage temperature range
–55ºC ~ +125ºC
Thermal shock
MIL-STD-810F
Over temperature protection
125ºC,typ.
FEATURE SPECIFICATIONS
Remote ON/OFF(Note 6)
Negative logic(standard)
Positive logic(option)
ON = 0V < Vr < 0.3V
OFF =2.5V < Vr < Vin(max.)
ON = (Vin-4) < Vr < Vin(max.)
OFF=0V < Vr < 0.3V
IIN=10μA,max.
IIN=1mA,max.
IIN=10μA,max.
IIN=1mA,max.
Input current of Remote control pin
10μA~1.0mA
Remote off state input current
Nominal Vin
2.0mA,typ.
Remote sense range
0.5V,max.
Rise time
Time for Vo to rise from 10% to 90%of Vo(set)
6ms,max.
Turn-on delay time
Case 1 (Note 7)
Case 2 (Note 8)
3ms,typ.
3ms,typ.
OUTPUT SPECIFICATIONS
Output current
10A max.
Voltage accuracy
Full load and Vin(nom.)
± 2%Vo(set)
Minimum load
0%
Line regulation
Vin=Vin(min.) to Vin(max.)
at Full Load
± 0.3%Vo(set),typ.
Load regulation
No Load to Full Load
± 0.4%Vo(set),typ.
Ripple and noise
(Note2)
20MHz bandwidth
30mVrms,max.
75mVp-p,max.
Temperature coefficient
±
0.4%, typ.
Δ
Io /Δt = 2.5A/μS ,Vin(nom.) Peak deviation 200mV,typ.
Dynamic load
response
(Note 2)
Load change step
(50% to 100% or
100% to 50% of Io(max.))
Setting time
(Vo<10%peak
deviation)
25μS,typ.
Δ
Io /Δt = 2.5A/μS,Vin(nom.) Peak deviation 100mV,typ.
Dynamic load
response
(Note 3)
Load change step
(50% to 100% or
100% to 50% of Io(max.))
Setting time
(Vo<10%peak
deviation)
25μS,typ.
Output current limit
200%
Output short-circuit current
Hiccup, automatics recovery
External load capacitance
ESR≧1mΩ
ESR≧10mΩ
1000μF,max.
5000μF,max.
Output voltage overshoot-startup
Vin=Vin(min.) to Vin(max.)
F.L.
1%Vo(set)
Voltage adjustability (see fig.1)
(Note 4)
0.7525V ~ 5.0V
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
None
Switching frequency
300KHz, typ.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Dimensions
SMD
SIP
1.30 X 0.53 X 0.30 Inch
(33.0 X 13.5 X 7.7 mm)
2.00 X 0.50 X 0.28 Inch
(50.8 X 12.7 X 7.2 mm)
Weight
6.0g(0.22oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
1.409 x 10
7 hrs
1.048 x 10
6 hrs
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Distributed Power Architectures
Semiconductor Equipment
Microprocessor Power Applications
FEATURES
OUTPUT CURRENT UP TO 10A
SMALL SIZE AND LOW PROFILE :
1.30”
X 0.53” X 0.30” (SMD) ; 2.00” X 0.50” X 0.28” (SIP)
HIGH EFFICIENCY - 93% @ 3.3V FULL LOAD
INPUT RANGE FROM 8.3VDC TO 14.0VDC
FIXED SWITCHING FREQUENCY (300KHZ)
SMD & SIP PACKAGES
OUTPUT VOLTAGE PROGRAMMABLE FROM 0.75VDC TO 5.0VDC
VIA EXTERNAL RESISTOR
INPUT UNDER-VOLTAGE LOCKOUT
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
Positive Logic Remote on/off
DESCRIPTION
DOS10-12T (SMD type), DOH10-12T (for Vertical Mounting SIP type) and
DOH10-12TA (for Horizontal Mounting SIP type) are non-isolated DC/DC
converters that can deliver up to 10A of output current with full load efficiency of
93% at 3.3V output.
1 / 3


Similar Part No. - DOH10-12T-P

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOH10-12T-P P-DUKE-DOH10-12T-P Datasheet
220Kb / 3P
   Non-isolated Point of load DC/DC converters
DOH10-12T-P P-DUKE-DOH10-12T-P Datasheet
754Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH10-12T-P P-DUKE-DOH10-12T-P Datasheet
754Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
More results

Similar Description - DOH10-12T-P

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOS10-05T P-DUKE-DOS10-05T Datasheet
219Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS30-05T P-DUKE-DOS30-05T Datasheet
250Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS06-12T RSG-DOS06-12T Datasheet
203Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
Power Mate Technology C...
DOS10-12T P-DUKE-DOS10-12T Datasheet
220Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS06-05T RSG-DOS06-05T Datasheet
205Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS10-05T RSG-DOS10-05T Datasheet
208Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS16-05T RSG-DOS16-05T Datasheet
208Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
Power Mate Technology C...
DOS06-12T P-DUKE-DOS06-12T Datasheet
222Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS16-05T P-DUKE-DOS16-05T Datasheet
220Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS16-12T P-DUKE-DOS16-12T Datasheet
236Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS06-05T P-DUKE-DOS06-05T Datasheet
223Kb / 3P
   Non-isolated Point of load DC/DC converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com