Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXOX1SNSM5 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # CXOX1SNSM5
Description  CXOX OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CXOX1SNSM5 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  CXOX1SNSM5 Datasheet HTML 1Page - RSG Electronic Components GmbH CXOX1SNSM5 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Specifications below are examples. Specifications are subject
to change without notice. Tighter specifications available.
Please contact factory.
Frequency Range
1
1 MHz to 160 MHz
Supply Voltage
1.8 V to 5.0 V 10%
Calibration Tolerance
2
100 ppm
Frequency Stability
50 ppm for Commercial
Over Temperature
3
100 ppm for Industrial
100 ppm for Military
Supply Current (Typical)
1.8 V
3.3 V
5.0 V
24 MHz
1.5 mA
3.0 mA
8.0 mA
32 MHz
2.0 mA
5.0 mA
10.0 mA
50 MHz
3.0 mA
6.0 mA
13.0 mA
130 MHz
12.0 mA
23.0 mA
39.0 mA
Output Load (CMOS)
4
15 pF
Start-up Time
5 ms MAX
Rise/Fall Time
6 ns MAX
Duty Cycle
5
40% MIN 60% MAX
Aging, first year
10 ppm MAX
Shock, survival
6
5,000 g, 0.3 ms, 1/2 sine
Vibration, survival
7
20 g, 10-2,000 Hz swept sine
Operating Temp. Range -10
OC to 70OC (Commerical)
-40
OC to 85OC (Industrial)
-55
OC to 125OC (Military)
1. Not all frequencies available at all voltages. Contact factory.
2. Other tolerances available.
3. Does not include calibration tolerances. Other tolerances available.
4. Higher CMOS loads and TTL loads available. Contact factory.
5. 45/55 available upon request in most cases.
6. Higher shock levels available. Contact factory.
7. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also
available.
Note: All parameters are measured at ambient temperature with a 10 M
Ω, 15 pF load.
+
_
+
_
+
_
+
_
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10168 Rev A
HOW TO ORDER CXOX SURFACE MOUNT CRYSTAL OSCILLATORS
“S” if special or
custom design.
Blank if Std.
CXOX
4
S
N
SM3
40.0M ,
100
/
100
/
/
I
Frequency
K = kHz
M = MHz
Enable/Disable
Option
E or N
Terminations
Blank = SM1
= Gold Plated
(Lead Free)
SM3 = Solder Dipped
SM5 = Solder Dipped
(Lead Free)
Supply Voltage
1 = 1.8 V
2 = 2.5 V
3 = 3.0 V
4 = 3.3 V
5 = 5.0 V
//
200
/
I
Temp. Range:
C= -10
OC to +70OC
I = -40OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
Total
Frequency
Tolerance
(in ppm)
Temp. Range:
C= -10
OC to +70OC
I = -40OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 25
0C
(in ppm)
OR
Pb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage V
DD
-0.5 V to 7.0 V
Storage Temperature
-55
OC to 125OC
Maximum Process Temperature 260
OC for 20 seconds
PACKAGING OPTIONS
CXOX - Tray Pack
- 12 mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet 10109)
Enable (Pin 1 High*)
Disable (Pin 1 Low)
Output
Frequency Output
High Z State
Oscillator
Oscillates
Stops
Current
Normal
Very Low
ENABLE/DISABLE OPTIONS (E/N)
Statek offers two enable/disable options: E and N. The
E-version has a Tri-State output and stops oscillating
internally when the output is put into the high Z state.
The N-version does not have PIN 1 connected internally
and so has no enable/disable capability. The following
table describes the Enable/Disable option E.
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
ENABLE/DISABLE OPTION E
FUNCTION TABLE
+
_
Distribution:
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - CXOX1SNSM5

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOX STATEK-CXOX Datasheet
85Kb / 2P
   Ultra-Miniature Surface Mount High Frequency Crystal Oscillator
CXOX STATEK-CXOX Datasheet
201Kb / 2P
   Ultra-Miniature, High Stability High Shock Crystal Oscillator
logo
EUROQUARTZ limited
CXOX EUROQUARTZ-CXOX Datasheet
103Kb / 1P
   Fast Start-up/Tight Tolerance/High Shock
logo
IQD Frequency Products ...
CXOX-3.3V IQD-CXOX-3.3V Datasheet
154Kb / 2P
   Crystal Clock Oscillator Specification
CXOX-5.0V IQD-CXOX-5.0V Datasheet
154Kb / 2P
   Crystal Clock Oscillator Specification
More results

Similar Description - CXOX1SNSM5

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com