Electronic Components Datasheet Search |
|
SCD-PSR3-LA1-CF Datasheet(PDF) 1 Page - DDK Ltd. |
|
SCD-PSR3-LA1-CF Datasheet(HTML) 1 Page - DDK Ltd. |
1 / 7 page ● ● SCD Series ● SCD Series represents SC type connectors complying with JIS F04 type specifications. These push-on type connectors for optical fibers are available for the equipment used for transmission systems of the optical communi - cation subscriber systems, LAN, and factory and office automation. ● Having the same performance with as the FC type optical connectors (engaged by screw thread), the connectors of this series are designed for the single-mode and multi-mode optical fibers. ● The push-on mechanism of the connector allows its connection to receptacle and adapter with just one touch. ● Kepler can be fixed by bonding or crimping, improving its workability. ● Compact and light because zirconia ferrule and plastic housing are used. ● It is a PC (Physical Contact) type connector implementing low insert loss and low reflection, attaining stable performance. ● Medium- and long-distance optical transmission lines, LAN, CATV, factory automation, office automation, measurement apparatuses, links, etc. JIS C 5973 (F04 type single-conductor optical fiber connector), IEC60871-14 (single-conductor), IEC60874-19 (two-conductor) SC Type Optical Fiber Connector FEATURE Use Applicable Standard Specifications Insert loss Fiber SM 10/125 GI 50/125 Flat polishing 1.0 dB or less 0.6 dB or less PC polishing 0.5 dB or less 0.3 dB or less Reflective attenuation PC polishing 22 dB or more 22 dB or more Range of operational temperature -25℃ to +70℃ Count of repeated attaching and removal 500 times (complying with JIS C-5973) 1 B SCD RoHS Compliant |
Similar Part No. - SCD-PSR3-LA1-CF |
|
Similar Description - SCD-PSR3-LA1-CF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |