Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ETK4-2T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. ETK4-2T
Description  E-Series RF 1:4 Transmission Line Step-up Transformer 2.0 - 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ETK4-2T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  ETK4-2T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ETK4-2T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series RF 1:4 Transformer — 2 - 1000 MHz
ETK4-2T
V3.00
S 0967 D
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount
• 1:4 Impedance Ratio
• CT on Secondary
• Available on Tape & Reel
Description
M/A-COM’s ETK4-2T is a 1:4 RF transmission line step-up
transformer in a low cost, surface mount package. Ideally suited
for high volume applications.
SM-22 Package
Electrical Specifications @25°C
Parameter
Units
Nominal
Typical
Minimum
Maximum
Frequency Range
2 - 1000
MHz
Insertion Loss
5 - 250 MHz
3 - 500 MHz
2.5 - 700 MHz
dB
dB
dB
1.0
2.0
3.0
Amplitude Imbalance
2 - 300 MHz
300 - 1000 MHz
dB
dB
0.3
2.0
Phase Imbalance
2 - 300MHz
300 - 1000MHz
Degrees
Degrees
5.0
20
E-Series RF 1:4 Transmission Line Step-up Transformer
2.0 - 1000 MHz
ETK4-2T
Schematic
Please Note that the photograph above indicates typical package only, not actual unit.
Primary Dot 5
Primary 4
1 Secondary Dot
2 Secondary CT
3 Secondary


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn