Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSMB-SP-1.5QEW Datasheet(PDF) 1 Page - DDK Ltd.

Part # SSMB-SP-1.5QEW
Description  SSMB Type Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SSMB-SP-1.5QEW Datasheet(HTML) 1 Page - DDK Ltd.

  SSMB-SP-1.5QEW Datasheet HTML 1Page - DDK Ltd. SSMB-SP-1.5QEW Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
SSMB Series
SSMB series are super mini-size low profile,
push-on type coaxial cable connectors pro
-
duced corresponding to minimization of commu
-
nication equipment, and based on IEC-Pub.169-
19 Standard.
When fitted, the height from print base is less
than 6mm(in combination of SP and LR) or less
than 10mm(in combination of LP and SR).
IEC-Pub. 169-19
Specifications depends on each connector although these are basic specifications.
Please ask us for the cable assemblies to assure its performance.
SSMB Type Connectors
CONFORMING STANDARD
SPECIFICATION
Characteristic Impedance
50Ω
Dielectric withstanding voltage
500V AC (rms) for 1 minute
Insulation resistance
1000MΩ min. at 250V DC
Contact resistance
7.5mΩ max.
VSWR
1.3max. at DC~2GHz
MATERIAL/FINISH
Shell (Body)
Copper alloy/Nickel plating
Contact (male)
Copper alloy/Gold plating
Contact (female)
Copper alloy/Gold plating
Insulators
PTFE
1


Similar Part No. - SSMB-SP-1.5QEW

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
SSMB-SP-1.5QEW-CF DDK-SSMB-SP-1.5QEW-CF Datasheet
846Kb / 5P
   Low Profile Push-On Coaxial Connector
More results

Similar Description - SSMB-SP-1.5QEW

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
SSMB75-LR-PC DDK-SSMB75-LR-PC Datasheet
190Kb / 3P
   75 SSMB Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
   75 廓 SSMB Type Connectors
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
   75 廓 SSMB Type Connectors
logo
ITT Industries
AI-128 ITT-AI-128 Datasheet
94Kb / 1P
   SSMB/SSMC Straight Connectors, Crimp Type for Braided Cable
AI-129 ITT-AI-129 Datasheet
114Kb / 1P
   SSMB/SSMC Right Angle Connectors, Crimp Type for Braided Cable
logo
Pasternack Enterprises,...
PE3122 PASTERNACK-PE3122 Datasheet
136Kb / 1P
   CABLE ASSEMBLY RG196A/U SSMB PLUG TO SSMB PLUG
PE3139 PASTERNACK-PE3139 Datasheet
136Kb / 1P
   CABLE ASSEMBLY RG316/U SSMB PLUG TO SSMB PLUG
PE3139LF PASTERNACK-PE3139LF Datasheet
154Kb / 1P
   cable assembly, rg316/u, ssmb plug to ssmb plug (lead free)
PE3122LF PASTERNACK-PE3122LF Datasheet
155Kb / 1P
   CABLE ASSEMBLY RG196A/U SSMB PLUG TO SSMB PLUG(LEAD FREE)
PE4340 PASTERNACK-PE4340_16 Datasheet
313Kb / 3P
   SSMB Jack Connector Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com