Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56001FC20 Datasheet(PDF) 8 Page - Motorola, Inc

Part # DSP56001FC20
Description  24-Bit General Purpose Digital Signal Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56001FC20 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button DSP56001FC20 Datasheet HTML 4Page - Motorola, Inc DSP56001FC20 Datasheet HTML 5Page - Motorola, Inc DSP56001FC20 Datasheet HTML 6Page - Motorola, Inc DSP56001FC20 Datasheet HTML 7Page - Motorola, Inc DSP56001FC20 Datasheet HTML 8Page - Motorola, Inc DSP56001FC20 Datasheet HTML 9Page - Motorola, Inc DSP56001FC20 Datasheet HTML 10Page - Motorola, Inc DSP56001FC20 Datasheet HTML 11Page - Motorola, Inc DSP56001FC20 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
8
MOTOROLA
DSP56001 Electrical Characteristics
DSP56001
DC Electrical Characteristics (Vcc = 5.0 Vdc + 10%; TJ = -40 to +105° C at 20.5 MHz and 27 MHz)
(Vcc = 5.0 Vdc + 5%; TJ = -40 to +105° C at 33 MHz)
Notes:
1. In order to obtain these results all inputs must be terminated (i.e., not allowed to float).
2. Periodically sampled and not 100% tested.
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage
20, 27 MH z
33 MHz
Vcc
4.5
4.75
5.0
5.5
5.25
V
Input High Voltage
Except EXTAL, RESET, MODA/IRQA, MODB/IRQB
VIH
2.0
Vcc
V
Input Low Voltage
Except EXTAL, MODA/IRQA, MODB/IRQB
VIL
-0.5
0.8
V
Input High Voltage
EXTAL
VIHC
4.0
Vcc
V
Input Low Voltage
EXTAL
VILC
-0.5
0.6
V
Input High Voltage
RESET
VIHR
2.5
Vcc
V
Input High Voltage
MODA/IRQA and MODB/IRQB
VIHM
3.5
Vcc
V
Input Low Voltage
MODA/IRQA and MODB/IRQB
VILM
-0.5
2.0
V
Input Leakage Current
EXTAL, RESET, MODA/IRQA, MODB/IRQB, BR
Iin
-1
1
uA
Three-State (Off-State) Input Current
(@2.4 V/0.4 V)
ITSI
-10
10
uA
Output High Voltage
(IOH = -0.4 mA)
VOH
2.4
—V
Output Low Voltage
(IOL = 1.6 mA;
RD, WR IOL = 1.6 mA; Open Drain
HREQ IOL = 6.7 mA, TXD IOL = 6.7 mA)
VOL
0.4
V
Total Supply Current
5.25 V, 33 MHz
5 . 5 V, 27 MHz
5 . 5 V, 20 MHz
in WAIT Mode (see Note 1)
in STOP Mode (see Note 1)
IDD33
IDD27
IDD20
IDDW
IDDS
160
130
100
10
100
185
155
115
25
2000
mA
mA
mA
mA
µA
Input Capacitance
(see Note 2)
Cin
10
pf


Similar Part No. - DSP56001FC20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56001FC20 NXP-DSP56001FC20 Datasheet
1Mb / 64P
   24-Bit General Purpose Digital Signal Processor
May 4, 1998
More results

Similar Description - DSP56001FC20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56001 NXP-DSP56001 Datasheet
1Mb / 64P
   24-Bit General Purpose Digital Signal Processor
May 4, 1998
logo
Motorola, Inc
DSP56166 MOTOROLA-DSP56166 Datasheet
448Kb / 63P
   16-bit General Purpose Digital Signal Processor
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com