Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTA114YE Datasheet(PDF) 3 Page - Motorola, Inc

Part No. DTA114YE
Description  Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DTA114YE Datasheet(HTML) 3 Page - Motorola, Inc

  DTA114YE Datasheet HTML 1Page - Motorola, Inc DTA114YE Datasheet HTML 2Page - Motorola, Inc DTA114YE Datasheet HTML 3Page - Motorola, Inc DTA114YE Datasheet HTML 4Page - Motorola, Inc DTA114YE Datasheet HTML 5Page - Motorola, Inc DTA114YE Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DTA114YE
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
MINIMUM RECOMMENDED FOOTPRINTS FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
1.4
0.5 min. (3x)
TYPICAL
SOLDERING PATTERN
Unit: mm
SOT–416/SC–90 POWER DISSIPATION
The power dissipation of the SOT–416/SC–90 is a function
of the pad size. This can vary from the minimum pad size for
soldering to the pad size given for maximum power
dissipation. Power dissipation for a surface mount device is
determined by TJ(max), the maximum rated junction tempera-
ture of the die, R
θJA, the thermal resistance from the device
junction to ambient; and the operating temperature, TA.
Using the values provided on the data sheet, PD can be
calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 125 milliwatts.
PD =
150
°C – 25°C
1000
°C/W
= 125 milliwatts
The 1000
°C/W assumes the use of the recommended
footprint on a glass epoxy printed circuit board to achieve a
power dissipation of 125 milliwatts. Another alternative would
be to use a ceramic substrate or an aluminum core board
such as Thermal Clad
™. Using a board material such as
Thermal Clad, a higher power dissipation can be achieved
using the same footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and
soldering should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference should be a maximum of 10
°C.
The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the
maximum temperature gradient should be 5
°C or less.
After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling.
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DTA115EET1 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
MUN5111W Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More E-Tech Electronics LTD
LMUN2135LT1 Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  Leshan Radio Company
DTC144TT1 NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
LMUN2211LT1 BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1  2  3  4  5  More Leshan Radio Company
LMUN5111DW1T1 Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
LMUN5211T1 Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
HUN2111 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  Hi-Sincerity Mocroelectronics
LMUN5311DW1T1 Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
HUN2211 NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Hi-Sincerity Mocroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn