Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTA114YE Datasheet(PDF) 1 Page - Motorola, Inc

Part No. DTA114YE
Description  Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DTA114YE Datasheet(HTML) 1 Page - Motorola, Inc

  DTA114YE Datasheet HTML 1Page - Motorola, Inc DTA114YE Datasheet HTML 2Page - Motorola, Inc DTA114YE Datasheet HTML 3Page - Motorola, Inc DTA114YE Datasheet HTML 4Page - Motorola, Inc DTA114YE Datasheet HTML 5Page - Motorola, Inc DTA114YE Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Preliminary Data Sheet
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor with
Monolithic Bias Resistor Network
The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic
bias network consisting of two resistors; a series base resistor and a base–emitter
resistor. These digital transistors are designed to replace a single device and its
external resistor bias network. The BRT eliminates these individual components by
integrating them into a single dev i c e . The DTA114YE is hous ed in the
SOT–416/SC–90 package which is ideal for low–power surface mount applications
where board space is at a premium.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• Available in 8 mm, 7 inch/3000 Unit Tape and Reel.
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Output Voltage
VO
–50
Vdc
Input Voltage
VI
–40
Vdc
Output Current
IO
–100
mAdc
DEVICE MARKING
DTA114YE = 59
THERMAL CHARACTERISTICS
Power Dissipation @ TA = 25°C(1)
PD
*125
mW
Operating and Storage Temperature Range
TJ, Tstg
– 55 to +150
°C
Junction Temperature
TJ
150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Off Voltage (VO = –5.0 Vdc, IO = –100 µAdc)
VI(off)
–0.3
Vdc
Input On Voltage (VO = –0.3 Vdc, IO = –1.0 mAdc)
VI(on)
–1.4
Vdc
Output On Voltage (IO = –5.0 mAdc, II = –0.25 mAdc)
VO(on)
–0.3
Vdc
Input Current (VI = –5.0 Vdc)
II
–0.88
mAdc
Output Cutoff Current (VO = – 50 Vdc)
IO(off)
–500
nAdc
DC Current Gain (VO = –5.0 Vdc, IO = –5.0 mAdc)
GI
68
Input Resistance
R1
7.0
10
13
kOhms
Resistance Ratio
R1/R2
0.17
0.21
0.25
1. Device mounted on a FR–4 glass epoxy printed circuit board using the minimum recommended footprint.
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Thermal Clad is a trademark of the Bergquist Company
Order this document
by DTA114YE/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
DTA114YE
CASE 463–01, STYLE 1
SOT–416/SC–90
1
2
3
R1
R2
IN (1)
GND (2)
OUT (3)
R1 = 10 kΩ
R2 = 47 kΩ
© Motorola, Inc. 1996
REV 1


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
LMUN5211T1Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
HUN2111PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 Hi-Sincerity Mocroelectronics
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
HUN2211NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn