Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56001RC20 Datasheet(PDF) 11 Page - Motorola, Inc

Part # DSP56001RC20
Description  24-Bit General Purpose Digital Signal Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56001RC20 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button DSP56001RC20 Datasheet HTML 7Page - Motorola, Inc DSP56001RC20 Datasheet HTML 8Page - Motorola, Inc DSP56001RC20 Datasheet HTML 9Page - Motorola, Inc DSP56001RC20 Datasheet HTML 10Page - Motorola, Inc DSP56001RC20 Datasheet HTML 11Page - Motorola, Inc DSP56001RC20 Datasheet HTML 12Page - Motorola, Inc DSP56001RC20 Datasheet HTML 13Page - Motorola, Inc DSP56001RC20 Datasheet HTML 14Page - Motorola, Inc DSP56001RC20 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
11
DSP56001
MOTOROLA
DSP56001 Electrical Characteristics
Num
Characteristics
20.5 MHz
27 MHz
33 MHz
Unit
Min
Max
Min
Max
Min
Max
9
Delay from RESET Assertion to
Address High Impedance (periodically
sampled and not 100% tested)
50
38
31
ns
10
Minimum Stabilization Duration
Internal Osc. (see Note 1)
External Clock (see Note 2)
75000
*
cyc
25
*
cyc
75000*cyc
25
*
cyc
75000*cyc
25
*
cyc
ns
ns
11
Delay from Asynchronous RESET
Deassertion to First External Address
Output (Internal Reset Negation)
8
*
cyc
9
*
cyc+40
8*cyc
9*cyc+31
8*cyc
9*cyc+25
ns
12
Synchronous Reset Setup Time from
RESET Deassertion to Falling Edge of
External Clock
20
cyc-10
15
cyc-8
13
cyc-7
ns
13
Synchronous Reset Delay Time from
the Synchronous Falling Edge of Exter-
nal Clock to the First External Address
Output
8
*
cyc+5
8
*
cyc+30
8*cyc+5
8*cyc+23
8*cyc+5
8*cyc+19
ns
14
Mode Select Setup Time
100
77
62
ns
15
Mode Select Hold Time
0
0
0
ns
16
16a
Edge-Triggered Interrupt Request
assertion
deassertion
25
15
17
10
16
10
ns
ns
AC Electrical Characteristics - Reset, Stop, Mode Select and Interrupt Timing
(Vcc = 5.0 Vdc +10%, TJ = -40 to +105° C, CL = 50 pf + 1 TTL Load at 20.5 MHz and 27 MHz)
(Vcc = 5.0 Vdc + 5%, TJ = -40 to +105° C, CL = 50 pf + 1 TTL Load at 33 MHz)
(See Control Figure 1 through 8)
cyc = Clock cycle = 1/2 instruction cycle = 2 T cycles
WS = Number of wait states (1 WS = 1 cyc = 2T) programmed into external bus access
using BCR (WS = 0 - 15)
tch = Clock high period
tcl = Clock low period
RESET
A0-A15
9
11
First Fetch
VIHR
Control Figure 1. Reset Timing
10


Similar Part No. - DSP56001RC20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56001RC20 NXP-DSP56001RC20 Datasheet
1Mb / 64P
   24-Bit General Purpose Digital Signal Processor
May 4, 1998
More results

Similar Description - DSP56001RC20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56001 NXP-DSP56001 Datasheet
1Mb / 64P
   24-Bit General Purpose Digital Signal Processor
May 4, 1998
logo
Motorola, Inc
DSP56166 MOTOROLA-DSP56166 Datasheet
448Kb / 63P
   16-bit General Purpose Digital Signal Processor
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com