Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56001 Datasheet(PDF) 2 Page - Motorola, Inc

Part # DSP56001
Description  24-Bit General Purpose Digital Signal Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56001 Datasheet(HTML) 2 Page - Motorola, Inc

  DSP56001 Datasheet HTML 1Page - Motorola, Inc DSP56001 Datasheet HTML 2Page - Motorola, Inc DSP56001 Datasheet HTML 3Page - Motorola, Inc DSP56001 Datasheet HTML 4Page - Motorola, Inc DSP56001 Datasheet HTML 5Page - Motorola, Inc DSP56001 Datasheet HTML 6Page - Motorola, Inc DSP56001 Datasheet HTML 7Page - Motorola, Inc DSP56001 Datasheet HTML 8Page - Motorola, Inc DSP56001 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
2
DSP56001
MOTOROLA
15
9
PORT B
OR HOST
PORT C
AND/OR
SSI, SCI
ADDRESS
GENERATION
UNIT
ON-CHIP
PERIPHERALS:
HOST, SSI,
SCI, PI/O
INTERNAL DATA
BUS SWITCH
AND BIT
MANIPULATION
UNIT
CLOCK
GENERATOR
EXTAL
XTAL
BOOTSTRAP
ROM
32X24
PROGRAM
RAM
512X24
X MEMORY
RAM
256X24
µ/A ROM
256X24
Y MEMORY
RAM
256X24
SINE ROM
256X24
PROGRAM
ADDRESS
GENERATOR
PROGRAM
DECODE
CONTROLLER
PROGRAM
INTERRUPT
CONTROLLER
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODB/IRQB
MODA/IRQA
RESET
DATA ALU
24X24+56→56-BIT MAC
TWO 56-BIT ACCUMULATORS
EXTERNAL
ADDRESS
BUS
SWITCH
BUS
CONTROL
EXTERNAL
DATA BUS
SWITCH
ADDRESS
7
DATA
16 BITS
24 BITS
Figure 1. DSP56001 Block Diagram
In the USA:
For technical assistance call:
DSP Applications Helpline (512) 891-3230
For availability and literature call your local Motorola Sales Office or Authorized Motorola Distributor.
For free application software and information call the Dr. BuB electronic bulletin board:
9600/4800/2400/1200/300 baud
(512) 891-3771
(8 data bits, no parity, 1 stop)
In Europe, Japan and Asia Pacific
Contact your regional sales office or Motorola distributor.


Similar Part No. - DSP56001

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56001 FREESCALE-DSP56001 Datasheet
1Mb / 36P
   DIGITAL STEREO 10-BAND GRAPHIC EQUALIZER USING THE DSP56001
logo
NXP Semiconductors
DSP56001 NXP-DSP56001 Datasheet
1Mb / 64P
   24-Bit General Purpose Digital Signal Processor
May 4, 1998
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56001A/D NXP-DSP56001A/D Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56001AFC27 NXP-DSP56001AFC27 Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results

Similar Description - DSP56001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56001 NXP-DSP56001 Datasheet
1Mb / 64P
   24-Bit General Purpose Digital Signal Processor
May 4, 1998
logo
Motorola, Inc
DSP56166 MOTOROLA-DSP56166 Datasheet
448Kb / 63P
   16-bit General Purpose Digital Signal Processor
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com