Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC-151 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AMC-151
Description  Cascadable Amplifier 10 to 500MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AMC-151 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AMC-151 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AMC-151 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 500MHz
Rev. V5
AM-151/AMC-151
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
**
Parameter
Units
Min.
Typ.
Gain
MHz
11.5
12.0
12.5
Frequency Response
dB
±1.0
Gain Variation with
Temperature
dB
±0.8
1 dB Compression
dBm
dBm
+19
+20
Noise Figure (max)
dB
7.0
VSWR
Ratio
2.0:1
Output IP
2
dBm
+48
Output IP
3
dBm
+34
V bias
dBm
+14.5
+15.0
+15.5
I bias
mA
85
100
Power Dissiapation
mW
1275
Max.
Test Conditions
@ +25
oC
Output Power
Two-tone inputs up to +10 dBm
Two-tone inputs up to +10 dBm
V bias = +15 Vdc
@ +15 V Bias
Frequency
50 MHz
5-500 MHz
5-500 MHz
5-500 MHz
10-500 MHz
5-500 MHz
5-500 MHz
5-500 MHz
5-500 MHz
Reverse Transmission
5-500 MHz
dB
-16.0
-13.0
Features
• NOISE FIGURE: 5 dB (TYP.)
• HIGH THIRD ORDER IP: +38 dBM (TYP.)
• P1dB: +21 dBm (TYP.)
Description
The AM-151 amplifier uses a coupler feedback design with high
intercept and compression points. The use of coupler feedback
minimized noise figure and DC current in a high intercept
amplifier. This amplifier is packaged a TO-8 package. Due to
the internal power dissipation, the thermal rise is minimized.
The ground plane on the PC board should be configured to
remove heat from under the package. AM-151 is ideally suited
for use where a high intercept high reliability amplifier is
required.
Product Image
Ordering Information
Part Number
Package
AM-151-PIN
*
TO-8-1
AMC-151- SMA**
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute Maximum
Maximum Input Power
+20 dBm
DC Voltage
+15.75 V
Continuous Input Power
+18 dBm
Operating Temperature
-55º to +85ºC
Storage Temperature
-65º to +125ºC
***Heat Sinking: Operation at case temperature above +95
oC is not recommended. Heat sinking adequate to dissipate 1.3 W must be provided in use.
*Mounting kit part number AU00071 required for PCB application
**SMA Connectorized part is not RoHs compliant.


Similar Part No. - AMC-151

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AMC-151 MACOM-AMC-151 Datasheet
176Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
AMC-151 MA-COM-AMC-151 Datasheet
481Kb / 3P
   Cascadable Amplifier 10 to 500MHz
logo
Tyco Electronics
AMC-151-SMA MACOM-AMC-151-SMA Datasheet
176Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
AMC-151SMA MACOM-AMC-151SMA Datasheet
219Kb / 3P
   Cascadable Thin Film Amplifier, 12 dB Gain, 5 - 500 MHz
More results

Similar Description - AMC-151

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-147 MA-COM-AM-147 Datasheet
140Kb / 2P
   Cascadable Amplifier 10 to 500MHz
AM-151 MA-COM-AM-151_15 Datasheet
481Kb / 3P
   Cascadable Amplifier 10 to 500MHz
logo
RF Micro Devices
SBF5089Z RFMD-SBF5089Z Datasheet
743Kb / 8P
   DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBF4089Z RFMD-SBF4089Z Datasheet
643Kb / 8P
   DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A53 MACOM-A53 Datasheet
354Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA26 MA-COM-SMA26 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com