Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAPR-001011-850S00 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part No. MAPR-001011-850S00
Description  Avionics Pulsed Power Transistor 850W, 1025-1150 MHz, 10μs Pulse, 1% Duty
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAPR-001011-850S00 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Avionics Pulsed Power Transistor
850W, 1025-1150 MHz, 10µs Pulse, 1% Duty
MAPR-001011-850S00
M/A-COM Products
Released, 30 May 07
2
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Gain vs. Frequency
Typical RF Performance
Freq.
(MHz)
Pin
(W)
Pout
(W)
Gain
(dB)
ΔGain
(dB)
Ic
(A)
Eff
(%)
RL
(dB)
VSWR-S
(1.5:1)
VSWR-T
(5:1)
P1dB Overdrive
Pout
Δ Po
1025
116
850
8.67
-
35.3
48.2
-18.3
S
P
974
0.59
1090
117
850
8.61
33.9
50.3
-16.3
S
-
1014
0.76
1150
112
850
8.42
32.1
53.0
-21.1
S
-
997
0.69
-
0.25
Note:
ΔPo(dB) is the difference between Pout at 1dB overdrive and Pout at Pout=850W.
Collector Efficiency vs. Frequency
7.4
7.8
8.2
8.6
9.0
9.4
1000
1050
1100
1150
1200
Fre q (M Hz)
30
36
42
48
54
60
1000
1050
1100
1150
1200
Fre q (M Hz)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn