Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAMX-090950-1277LT Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part No. MAMX-090950-1277LT
Description  Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAMX-090950-1277LT Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Silicon Double Balanced HMIC Mixer
850 - 1050 MHz
Rev. V2
MAMX-090950-1277LT
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ 25°C
Parameter
Frequency Range
Test Conditions
Units
Min.
Typ.
Max.
Conversion Loss
900 MHz
850 - 1050 MHz
LO Drive = +7 dBm
RF = -10 dBm, IF = 60 MHz
dB
dB
8.2
8.5
8.9
9.5
L - R Isolation
900 MHz
850 - 1050 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
dB
dB
65
62
L - I Isolation
900 MHz
850 - 1050 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
dB
dB
46
46
R - I Isolation
900 MHz
850 - 1050 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
dB
dB
23
23
LO VSWR
900 MHz
850 - 1050 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
Ratio
Ratio
1.5:1
1.5:1
RF VSWR
900 MHz
850 - 1050 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
Ratio
Ratio
1.3:1
1.5:1
IF VSWR
DC - 400 MHz
LO Drive = +7 dBm
RF Level = -10 dBm
Ratio
Ratio
1.5:1
1.5:1
Input IP3
900 MHz
850 - 1050 MHz
LO Drive = +7 dBm
RF = -10 dBm, IF = 60 MHz
dBm
dBm
17.8
16.9
21.0
20.5
Input 1 dB
Compression
900 MHz
850 - 1050 MHz
LO Drive = +7 dBm
IF = 60 MHz
dBm
dBm
4.3
4.3
IF 1 dB Bandwidth
DC - 400 MHz
LO = 900 MHz @ +7 dBm
MHz
0
400


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn