Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAMX-090950-1277LT Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. MAMX-090950-1277LT
Description  Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAMX-090950-1277LT Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Silicon Double Balanced HMIC Mixer
850 - 1050 MHz
Rev. V2
MAMX-090950-1277LT
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• +21 dBm Typical Input IP3
• 8.3 dB Typical Conversion Loss
• +5 to +10 dBm LO Drive
• Fully Balanced Passive Mixer
• Low Cost Miniature Plastic MLP Package
• Lead Free (RoHS* Compliant) with 260°C Re-
flow Capability
• 100% Matte Tin Plating
Description
M/A-COM’s MAMX-090950-1277LT is a 850 - 1050
MHz silicon monolithic double balanced mixer in a
low cost miniature surface mount MLP 3 mm, 16
lead plastic package.
The die uses M/A-COM’s
unique HMIC silicon/glass process to realize low
loss passive elements while retaining the advan-
tages of medium barrier silicon Schottky barrier
diodes.
Applications
These mixers are well suited for GSM and CDMA
Cellular basestation applications where small size
and high performance are required. Typical Appli-
cations include frequency conversion, modulation,
and demodulation in wireless receivers and trans-
mitters.
Model No.
Package
MAMX-090950-1277LT
Tape and Reel
Ordering Information
Parameter
Maximum Rating
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to 150°C
Incident LO Power
+20 dBm
Incident RF Power
+20 dBm
Soldering Temperature
+260°C max.
Absolute Maximum Ratings
1,2
1. Exceeding these limits may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
MLP 3mm Package - Circuit Side
PIN
Function
PIN
Function
1
N/C
9
N/C
2
N/C
10
RF
3
LO
11
N/C
4
N/C
12
N/C
5
N/C
13
N/C
6
N/C
14
IF
7
N/C
15
N/C
8
N/C
16
N/C
PIN Configuration
3
3. Center area is ground
Schematic
LO
IF
RF


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn