Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD-20007T Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # STD-20007T
Description  ADAPTER-18W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-20007T Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  STD-20007T Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-20007T Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Kaga Electronics(USA) Inc.
FEATURE
IEC 320/C8
Input range
90-264V/47~63Hz
Output
4.5V~24V/0.6A~3.5A(20W max.)
Efficiency
77% typical
Protection
Short Circuit/Over Voltage/Over Current Protection
Load regulation
±5%
Leakage current
Less than 0.25mA
M.T.B.F.
50,000 hours min. at 25°C, full load
Cable type
UL2468/18AWG or 20AWG
Dimension
88X50X34
Weight(reference)
175g
APPLICATION
Broadband&Network Equipment , Wireless products, Portable Equipment
SAFETY & EMI
Safety
UL/cUL/GS/CB/PSE/BSMI
EMI
CE Class B , conduction & Radiation MEET
ENVIRONMENTAL
Operating temperature0~+40°C
Storage Temperature -20~+60°C
Relative Humidity
(operating)20~80%RH/(storage)10~90%RH
ADAPTER-18W
DESKTOP
Desktop


Similar Part No. - STD-20007T

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-2003 VOLGEN-STD-2003 Datasheet
103Kb / 2P
   ADAPTER - 36W / 48W/ 60W
More results

Similar Description - STD-20007T

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MA01805HA MORNSUN-MA01805HA Datasheet
314Kb / 4P
   18W AC/DC Adapter
logo
Phihong USA Inc.
PMA18A-120PHW PHIHONG-PMA18A-120PHW Datasheet
85Kb / 2P
   18W Medical Grade Adapter
logo
MORNSUN Science& Techno...
MI01805HA MORNSUN-MI01805HA Datasheet
311Kb / 4P
   18W AC/DC Adapter
MC01805HA MORNSUN-MC01805HA Datasheet
310Kb / 4P
   18W AC/DC Adapter
MY01805DA MORNSUN-MY01805DA Datasheet
316Kb / 4P
   18W AC/DC Adapter
ME01805HA MORNSUN-ME01805HA Datasheet
327Kb / 4P
   18W AC/DC Adapter
logo
CINCON ELECTRONICS Corp...
TR18RDM CINCON-TR18RDM Datasheet
365Kb / 2P
   18W MEDICAL SWITCHING ADAPTER
logo
STMicroelectronics
TDA7265SA STMICROELECTRONICS-TDA7265SA Datasheet
362Kb / 12P
   18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
M/A-COM Technology Solu...
NPT35015 MA-COM-NPT35015_15 Datasheet
723Kb / 10P
   18W RF Power Transistor
logo
Shaanxi Reactor Micro...
RM5001AS REACTOR-RM5001AS Datasheet
265Kb / 3P
   18W Fast Charger Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com