Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD-09022T Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # STD-09022T
Description  ADAPTER-18W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-09022T Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  STD-09022T Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-09022T Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NUMBERS
NO
MODEL NAME
Voltage(V)
Current(A)
Power(W)
1
STD-04535T
4.5
3.5
15.75
2
STD-05025T
5
2.5
12.5
3
STD-05030T
5
3
15
4
STD-05035T
5
3.5
17.5
5
STD-06025T
6
2.5
15
6
STD-06030T
6
3
18
7
STD-07025T
7
2.5
17.5
8
STD-07525T
7.5
2.5
18.75
9
STD-09015T
9
1.5
13.5
10
STD-09022T
9
2.2
19.8
11
STD-10019T
10
1.9
19
12
STD-12012T
12
1.2
14.4
13
STD-12016T
12
1.6
19.2
14
STD-13510T
13.5
1
13.5
15
STD-13514T
13.5
1.4
18.9
16
STD-15010T
15
1
15
17
STD-15013T
15
1.3
19.5
18
STD-16010T
16
1
16
19
STD-16012T
16
1.2
19.2
20
STD-18008T
18
0.8
14.4
21
STD-18011T
18
1.1
19.8
22
STD-20007T
20
0.7
14
23
STD-20010T
20
1
20
24
STD-24006T
24
0.6
14.4
25
STD-24008T
24
0.8
19.2
Kaga Electronics (USA) Inc.
www.volgen.com
information@volgen.com
MECHANICAL DRAWING


Similar Part No. - STD-09022T

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-0903 VOLGEN-STD-0903 Datasheet
94Kb / 2P
   ADAPTER-30W
STD-0904P VOLGEN-STD-0904P Datasheet
125Kb / 2P
   ADAPTER - 40W
STD-0905P VOLGEN-STD-0905P Datasheet
125Kb / 2P
   ADAPTER - 50W
More results

Similar Description - STD-09022T

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MA01805HA MORNSUN-MA01805HA Datasheet
314Kb / 4P
   18W AC/DC Adapter
logo
Phihong USA Inc.
PMA18A-120PHW PHIHONG-PMA18A-120PHW Datasheet
85Kb / 2P
   18W Medical Grade Adapter
logo
MORNSUN Science& Techno...
MI01805HA MORNSUN-MI01805HA Datasheet
311Kb / 4P
   18W AC/DC Adapter
MC01805HA MORNSUN-MC01805HA Datasheet
310Kb / 4P
   18W AC/DC Adapter
MY01805DA MORNSUN-MY01805DA Datasheet
316Kb / 4P
   18W AC/DC Adapter
ME01805HA MORNSUN-ME01805HA Datasheet
327Kb / 4P
   18W AC/DC Adapter
logo
CINCON ELECTRONICS Corp...
TR18RDM CINCON-TR18RDM Datasheet
365Kb / 2P
   18W MEDICAL SWITCHING ADAPTER
logo
STMicroelectronics
TDA7265SA STMICROELECTRONICS-TDA7265SA Datasheet
362Kb / 12P
   18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
M/A-COM Technology Solu...
NPT35015 MA-COM-NPT35015_15 Datasheet
723Kb / 10P
   18W RF Power Transistor
logo
Shaanxi Reactor Micro...
RM5001AS REACTOR-RM5001AS Datasheet
265Kb / 3P
   18W Fast Charger Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com