Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU65-203 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # SPU65-203
Description  80W Desk Top Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SPU65-203 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  SPU65-203 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SPU65-203 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPU65 SERIES
80W Desk Top Switching Power Supplies For I.T.E.
Output Voltage And Current Rating Chart (Single Output) :
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SPU65-101
03 ~ 05 VDC
16.6 ~ 10.0 A
7%
50W
SPU65-102
05 ~ 06 VDC
13.0 ~ 10.8 A
7%
65W
SPU65-103
06 ~ 08 VDC
11.6 ~ 8.70 A
5%
69.6W
SPU65-104
08 ~ 11 VDC
9.37 ~ 6.81 A
5%
75W
SPU65-105
11 ~ 13 VDC
7.27 ~ 6.15 A
5%
80W
SPU65-106
13 ~ 16 VDC
6.15 ~ 5.00 A
5%
80W
SPU65-107
16 ~ 21 VDC
5.00 ~ 3.80 A
5%
80W
SPU65-108
21 ~ 27 VDC
3.80 ~ 2.96 A
5%
80W
SPU65-109
27 ~ 33 VDC
2.96 ~ 2.42 A
5%
80W
SPU65-110
33 ~ 40 VDC
2.42 ~ 2.00 A
5%
80W
SPU65-111
40 ~ 48 VDC
2.00 ~ 1.66 A
5%
80W
Output Voltage And Current Rating Chart ( Multi Output ) :
Output #1
Output #2
Output #3
Output #4
Model
Number
Vonom
Iomin
Iomax Regmax Vonom
Iomin
Iomax
Regmax Vonom
Iomin
Iomax
Regmax Vonom
Iomin
Iomax Regmax
Maximum
Output
Powe
r
SPU65-200 +3.3V 0.5A
7A
7%
+12V 0.1A
2.75A
5%
56.1W
SPU65-201
+5V
0.5A
7A
5%
+12V 0.3A
3A
5%
60W
SPU65-202
+5V
0.5A
7A
5%
+15V 0.1A
3A
5%
60W
SPU65-203
+5V
0.5A
7A
5%
+24V 0.2A
2A
5%
60W
SPU65-204 +3.3V 0.5A
7A
7%
+5V
0.1A
3A
5%
38.1W
SPU65-215
+5V
0.5A
7A
5%
-24V 0.2A
2A
5%
60W
SPU65-300 +3.3V 0.3A
7A
7%
+12V 0.1A
3A
5%
-12V
0A
0.8A
5%
65W
SPU65-301
+5V
0.5A
6A
5%
+12V 0.1A
2.75A
5%
-5V
0A
0.325A
5%
65W
SPU65-302
+5V
0.5A
6A
5%
+12V 0.1A 2.125A
5%
-12V
0A
0.325A
5%
59.4W
SPU65-303
+5V
0.5A
6A
5%
+15V 0.1A 2.125A
5%
-15V
0A
0.208A
5%
65W
SPU65-304
+5V
0.5A
7A
5%
+24V 0.1A
2A
5%
-24V
0A
0.5A
5%
65W
SPU65-305
+5V
0.5A
6A
5%
+24V 0.1A
1.25A
5%
-12V
0A
0.416A
5%
65W
SPU65-306 +3.3V 0.5A
7A
7%
+12V 0.1A
3A
5%
-5V
0A
0.8A
5%
63.1W
SPU65-403
+5V
0A
3.5A
5%
+24V 0.1A
1.5A
5%
+12V
0A
0.25A
5%
-12V
0A
0.15A
5%
65W
Note:
1. Dimensions are shown in mm.
2. Weight: 570-750gs approx.
3. Optional output connector:
See page Appendix.
ON/OFF SWITCH
(OPTIONAL)
Mechanical Specifications :


Similar Part No. - SPU65-203

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU65-203 ASTRODYNE-SPU65-203 Datasheet
661Kb / 4P
   65W Desktop Switching Power Supplies
logo
Tumbler Technologies + ...
SPU65-203 TRUMPOWER-SPU65-203 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
Astrodyne Corporation
SPU65-203S ASTRODYNE-SPU65-203S Datasheet
661Kb / 4P
   65W Desktop Switching Power Supplies
More results

Similar Description - SPU65-203

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSPU65 TOTAL-POWER-TPSPU65 Datasheet
190Kb / 2P
   80W Desk Top Switching Power Supplies For I.T.E.
TPSPU80 TOTAL-POWER-TPSPU80 Datasheet
330Kb / 2P
   80W Desk Top Seitching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SPU50-1 VOLGEN-SPU50-1 Datasheet
327Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU25A ASTRODYNE-SPU25A Datasheet
318Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
SPU16B ASTRODYNE-SPU16B Datasheet
329Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
SPU16C ASTRODYNE-SPU16C Datasheet
330Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
SPU25C ASTRODYNE-SPU25C Datasheet
323Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
logo
Volgen Kaga Electronics...
SPU45-100 VOLGEN-SPU45-100 Datasheet
411Kb / 2P
   50W Desk Top Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU20B ASTRODYNE-SPU20B Datasheet
326Kb / 2P
   20W Desk Top Switching Power Supplies For I.T.E
SPU25B ASTRODYNE-SPU25B Datasheet
334Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com