Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD-1504 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # STD-1504
Description  ADAPTER - 36W / 48W/ 60W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-1504 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  STD-1504 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-1504 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operating Temperature: 0 ~ +40℃
ˇˇ
ˇˇ
ˇˇ
Storage:10 ~ 90%RH
ˇˇ
NO
MODEL NAME
Voltage(V)
Current(A)
Power(W)
1
STD-1203
12
3
36
2
STD-1204
12
4
48
3
STD-1205
12
5
60
4
STD-1504
15
4
60
5
STD-1638
16
3.8
60.8
6
STD-1834
18
3.4
61.2
7
STD-1932
19
3.2
60.8
8
STD-2003
20
3
60
9
STD-2227
22
2.7
59.4
10
STD-2425
24
2.5
60
11
STD-2425AF
24
2.5
60
ˇ
ˇ
ˇ
Storage Temperature : -20 ~ +60℃
MECHANICAL DRAWING
ENVIRONMENTAL
MODEL
Relative Humidly:operating 20 ~ 80%RH
ˇ
Kaga Electronics(USA) Inc.
www.volgen.com
information@volgen.com


Similar Part No. - STD-1504

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-15010T VOLGEN-STD-15010T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-15013T VOLGEN-STD-15013T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-1502 VOLGEN-STD-1502 Datasheet
94Kb / 2P
   ADAPTER-30W
STD-1506 VOLGEN-STD-1506 Datasheet
113Kb / 2P
   ADAPTER - 90W
More results

Similar Description - STD-1504

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
TRG36 CINCON-TRG36 Datasheet
355Kb / 2P
   36W SWITCHING ADAPTER
TRE36 CINCON-TRE36 Datasheet
265Kb / 2P
   36W SWITCHING ADAPTER
logo
MORNSUN Science& Techno...
MG03609HA MORNSUN-MG03609HA Datasheet
335Kb / 4P
   36W AC/DC Adapter
MI03609HA MORNSUN-MI03609HA Datasheet
328Kb / 4P
   36W AC/DC Adapter
logo
CINCON ELECTRONICS Corp...
TR36M CINCON-TR36M Datasheet
473Kb / 2P
   36W MEDICAL SWITCHING ADAPTER
logo
MORNSUN Science& Techno...
MY03609DA MORNSUN-MY03609DA Datasheet
321Kb / 4P
   36W AC/DC Adapter
MC03609HA MORNSUN-MC03609HA Datasheet
306Kb / 4P
   36W AC/DC Adapter
MA03609HA MORNSUN-MA03609HA Datasheet
328Kb / 4P
   36W AC/DC Adapter
ME03609HA MORNSUN-ME03609HA Datasheet
330Kb / 4P
   36W AC/DC Adapter
logo
Phihong USA Inc.
PMA36R-120PHW PHIHONG-PMA36R-120PHW Datasheet
151Kb / 3P
   36W Medical Grade Adapter with Interchangeable Plugs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com