Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD-4201 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # STD-4201
Description  ADAPTER - 5W/10W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-4201 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  STD-4201 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-4201 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURE
Plug Tpye: U.S.A., U.K., Europe
Input :100~240V/50~60 HZ
Input Range Voltage:90~264Vac,47~63HZ
Leakage current: less than 0.25mA
Load Regulation ±5%
Cable type
PDA, MP2, DSC, CD-ROM, USB HUB, Wireless & Communication, Battery Charger
ADAPTER - 5W/10W
Weight
APPLICATION
ˇ
ˇ
ˇ
UL2468/18AWG
115g
ˇ
71×51×28
10 watt max
70%typical
ˇ
ˇ
10W
ˇ
ˇ
ˇ
5W
U.S.A
ˇ
5 watt max.
ˇ
70%typical
ˇ
ˇ
ˇ
87g
Output power
Efficiency
Short Circuit Protection
Over Voltage Protection
Over Current Protection
ˇ
ˇ
M.T.B.F.:50,000 hours min.
Dimension:(L)×(W)×(H)mm
ˇ
UL2468/20AWG
64×48×23


Similar Part No. - STD-4201

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-4810P VOLGEN-STD-4810P Datasheet
125Kb / 2P
   ADAPTER - 50W
More results

Similar Description - STD-4201

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
TRG10R CINCON-TRG10R Datasheet
366Kb / 2P
   10W SWITCHING ADAPTER
logo
MORNSUN Science& Techno...
MI00505VA MORNSUN-MI00505VA Datasheet
314Kb / 4P
   5W AC/DC Adapter
MC00505VA MORNSUN-MC00505VA Datasheet
313Kb / 4P
   5W AC/DC Adapter
ME00505WA MORNSUN-ME00505WA Datasheet
253Kb / 3P
   5W AC/DC Adapter
ME00505VA MORNSUN-ME00505VA Datasheet
326Kb / 4P
   5W AC/DC Adapter
MG00505VA MORNSUN-MG00505VA Datasheet
318Kb / 4P
   5W AC/DC Adapter
MG00505WA MORNSUN-MG00505WA Datasheet
249Kb / 3P
   5W AC/DC Adapter
logo
New Jersey Semi-Conduct...
1N2995RB NJSEMI-1N2995RB Datasheet
91Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
1N2997B NJSEMI-1N2997B Datasheet
82Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
logo
MORNSUN Science& Techno...
MI00505WA MORNSUN-MI00505WA Datasheet
240Kb / 3P
   5W AC/DC Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com