Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX532_G Datasheet(PDF) 2 Page - Fox Electronics

Part # FX532_G
Description  Ceramic SMD Glass Seal Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FX532_G Datasheet(HTML) 2 Page - Fox Electronics

  FX532_G Datasheet HTML 1Page - Fox Electronics FX532_G Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
Ceramic SMD Glass Seal Crystal
Rev. 6/9/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FX532_G Series
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FX532_G
A
∅1.5
B
4.0
C
8.0
D
5.5
E
12.0
F
1.5
STD Reel QTY
1,000
• REEL SPECIFICATIONS (millimeters)
G
2.5
H
I
21.6
J
60
K
178
L
13.5
M
1.6
MODEL
FX532_G


Similar Part No. - FX532_G

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX532AG FOX-FX532AG Datasheet
217Kb / 2P
   Ceramic SMD Glass Seal Crystal
FX532CG FOX-FX532CG Datasheet
217Kb / 2P
   Ceramic SMD Glass Seal Crystal
More results

Similar Description - FX532_G

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQAG FOX-FQAG Datasheet
186Kb / 2P
   Ceramic SMD Glass Seal Crystal
FX532AG FOX-FX532AG Datasheet
217Kb / 2P
   Ceramic SMD Glass Seal Crystal
FEG FOX-FEG Datasheet
223Kb / 2P
   Glass Seal SMD Crystal
logo
TAITIEN ELECTRONICS CO....
AT-0018-X2 TAITIEN-AT-0018-X2 Datasheet
233Kb / 1P
   3.2 x 2.5 mm Glass Seal SMD Crystal
AT-0013-XS TAITIEN-AT-0013-XS Datasheet
241Kb / 1P
   5.0 x 3.2 mm Glass Seal SMD Crystal
AT-0007-XQ TAITIEN-AT-0007-XQ Datasheet
243Kb / 1P
   8.0 x 4.5 mm Glass Seal SMD Crystal
logo
List of Unclassifed Man...
TGX-8 ETC-TGX-8 Datasheet
67Kb / 1P
   Ceramic Glass Seal
logo
Suzhou HangJing Electro...
XC63G2 HANGJING-XC63G2 Datasheet
327Kb / 1P
   QUARTZ CRYSTAL UNIT IN SMD 6.0X3.5MM GLASS SEAL PACKAGE
XC53G2 HANGJING-XC53G2 Datasheet
320Kb / 1P
   QUARTZ CRYSTAL UNIT IN SMD 5.0X3.2MM GLASS SEAL PACKAGE
logo
Abracon Corporation
ABM8G ABRACON-ABM8G Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
12.22.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com