Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP15U-24S Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # SP15U-24S
Description  15 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

SP15U-24S Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  SP15U-24S Datasheet HTML 1Page - Volgen Kaga Electronics Inc. SP15U-24S Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
64
FEATURES
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Input Voltage.............................................. AC 85-264V
DC 110V-340V
Input Frequency.......................................... 47 ~ 63 Hz
Input Current.............................................. 0.17 ~ 0.36A
Inrush Current (100/230VAC cold start) .................12 ~ 24A
All specifications are typical at nominal input, full load.
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
MTBF ......................................................... 211,000 Hours
Isolation Voltage
Primary to Secondary............... 3000VAC
Primary to Case........................ 1500VAC.
Secondary to Case.................... 500VAC.
Isolation Resistance.................................... 100-Mohms min.
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Metal Enclosed - Terminal Block
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Operating Temperature .............................. 0˚-60˚C
Derates linearly 2.5%/˚C after 50˚C
Cooling........................................................ Convection
Temperature Coefficient.............................. 0.02% / ˚C
Humidity.......................................................20-85% Rh (non-condensing)
Storage Temperature.................................. -20˚C -- 85˚C
Shock Vibration.......................................... Shock: 20G (3 directions each 3 times)
Vibration: 10 ~ 55Hz
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Output Voltage........................................... See Chart
Output Adjustment.................................... ± 10%
Efficiency.................................................... 70 ~ 79%
Over-Voltage Protection.............................. Zener Limiter
Over-Current Protection.............................. Automatic Recovery (105% min)
Ripple and Noise........................................ 150 mVp-p max.
Hold-Up Time............................................. 15-100 mS
Line/Load Regulation.................................. See Chart
Rise Time.................................................... 100 mS max.
Leakage Current (100/230VAC)........................ Vin= 100V
0.5mA max.
Vin= 230V
0.75mA max.
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
S
S A
A F
F E
E T
T II E
E S
S // E
E M
M II
S
S A
A F
F E
E T
T II E
E S
S // E
E M
M II
SP15U
SP15U
UNIVERSAL INPUT (AC85-264V)
BUILT-IN OVERVOLTAGE PROTECTION
OVERCURRENT PROTECTION
LIGHTWEIGHT CONSTRUCTION
METAL CHASSIS WITH COVER
COMPACT, LOW-PROFILE PACKAGES
3 YEAR WARRANTY
FCC-B
EN 55022-B
VCCI-II
15 W
15 WA
ATT , Universal Input
TT , Universal Input
Fully Enclosed Switching Power Supply
Fully Enclosed Switching Power Supply
TUV


Similar Part No. - SP15U-24S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP15U-24S ETC1-SP15U-24S Datasheet
195Kb / 2P
   15-WATT, Universal Input Fully Enclosed Switching Power Supply
More results

Similar Description - SP15U-24S

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPN75-05S VOLGEN-SPN75-05S Datasheet
290Kb / 2P
   75 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SP50U ETC1-SP50U Datasheet
332Kb / 2P
   50 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SPN150-05S VOLGEN-SPN150-05S Datasheet
303Kb / 2P
   150 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SPN150 ETC1-SPN150 Datasheet
298Kb / 2P
   150 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SP50U-03S VOLGEN-SP50U-03S Datasheet
337Kb / 2P
   50 WATT,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
SPN75 ETC1-SPN75 Datasheet
285Kb / 2P
   75 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SP30U ETC1-SP30U Datasheet
302Kb / 2P
   30 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SP30U-03S VOLGEN-SP30U-03S Datasheet
307Kb / 2P
   30 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SPN100-05S VOLGEN-SPN100-05S Datasheet
287Kb / 2P
   100 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SX15U-05S VOLGEN-SX15U-05S Datasheet
366Kb / 2P
   15 Watttt ,,120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com