Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC15-48S05 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # FEC15-48S05
Description  SIINGLE AND DUAL OUTPUT,, HIIGH DENSIITY 15 WATTS DC//DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

FEC15-48S05 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  FEC15-48S05 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. FEC15-48S05 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
Series
Series
MODEL
NUMBER
Pin Connections
Pin#
Single
Dual
1
2
3
4
5
+Vin
-Vin
+Vout
No Pin
-Vout
+Vin
-Vin
+Vout
Common
-Vout
ALL DIMENSIONS IN INCHES (mm)
PIN PITCH TOLERANCE ±0.5 mm
FEC15-12S33
FEC15-12S05
FEC15-12S12
FEC15-12S15
FEC15-12D05
FEC15-12D12
FEC15-12D15
FEC15-24S33
FEC15-24S05
FEC15-24S12
FEC15-24S15
FEC15-24D05
FEC15-24D12
FEC15-24D15
FEC15-48S33
FEC15-48S05
FEC15-48S12
FEC15-48S15
FEC15-48D05
FEC15-48D12
FEC15-48D15
INPUT RANGE
9-18VDC
9-18VDC
9-18VDC
9-18VDC
9-18VDC
9-18VDC
9-18VDC
18-36VDC
18-36VDC
18-36VDC
18-36VDC
18-36VDC
18-36VDC
18-36VDC
36-72VDC
36-72VDC
36-72VDC
36-72VDC
36-72VDC
36-72VDC
36-72VDC
OUTPUT VOLTAGE
3.3VDC
5VDC
12VDC
15VDC
± 5VDC
±12VDC
±15VDC
3.3VDC
5VDC
12VDC
15VDC
± 5VDC
±12VDC
±15VDC
3.3VDC
5VDC
12VDC
15VDC
± 5VDC
±12VDC
±15VDC
OUTPUT CURRENT
4000mA
3000mA
1250mA
1000mA
±1500mA
± 635mA
± 500mA
4000mA
3000mA
1250mA
1000mA
±1500mA
± 635mA
± 500mA
4000mA
3000mA
1250mA
1000mA
±1500mA
± 635mA
± 500mA
% typ.
EFF
79
82
83
83
82
85
85
80
83
84
84
83
86
86
80
83
84
84
83
86
86
AMBIENT TEMPERATURE (°C)
100
75
50
25
0
-20
0
20
40
60
80
100
120
OPERATING TEMPERATURE LIMITS
AND OUTPUT POWER RANGE
NATURAL
CONVECTION
COOLING


Similar Part No. - FEC15-48S05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEC15-48S05 ETC-FEC15-48S05 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
Astrodyne Corporation
FEC15-48S05 ASTRODYNE-FEC15-48S05 Datasheet
369Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FEC15-48S05 P-DUKE-FEC15-48S05 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-48S05 P-DUKE-FEC15-48S05 Datasheet
292Kb / 3P
   15 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FEC15-48S05 ASTRODYNE-FEC15-48S05 Datasheet
207Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
More results

Similar Description - FEC15-48S05

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
FDC40-12S33 VOLGEN-FDC40-12S33 Datasheet
296Kb / 2P
   SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
FDC20-24S05W VOLGEN-FDC20-24S05W Datasheet
282Kb / 2P
   SIINGLE AND DUAL OUTPUT,, 4::1 WIIDE IINPUT RANGE 20 WATTS DC//DC CONVERTERS
logo
List of Unclassifed Man...
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCMRD5 WALL-DCMRD5_16 Datasheet
891Kb / 7P
   5 Watts Isolated DC/DC Converters Single and Dual Output
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
   15-20W, Dual Output DC/DC Converters
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5 Datasheet
894Kb / 7P
   5 Watts Isolated DC - DC Converters Single and Dual Output
DCMRH15 WALL-DCMRH15 Datasheet
408Kb / 6P
   15 Watts Medical DC/DC Converter Single and Dual Output
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
DCMUA15 WALL-DCMUA15_16 Datasheet
385Kb / 4P
   15 Watts DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com