Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA009AP Datasheet(PDF) 2 Page - Megawin Technology Co., Ltd

Part # MA009AP
Description  24-bit I/O extender with interrupt function
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MA009AP Datasheet(HTML) 2 Page - Megawin Technology Co., Ltd

  MA009AP Datasheet HTML 1Page - Megawin Technology Co., Ltd MA009AP Datasheet HTML 2Page - Megawin Technology Co., Ltd MA009AP Datasheet HTML 3Page - Megawin Technology Co., Ltd MA009AP Datasheet HTML 4Page - Megawin Technology Co., Ltd MA009AP Datasheet HTML 5Page - Megawin Technology Co., Ltd MA009AP Datasheet HTML 6Page - Megawin Technology Co., Ltd MA009AP Datasheet HTML 7Page - Megawin Technology Co., Ltd MA009AP Datasheet HTML 8Page - Megawin Technology Co., Ltd MA009AP Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
MA009A Technical Summary
MEGAWIN
General Description
The MA009 is high-speed Si-gate CMOS devices
that provide a general purpose I/O peripheral. The
MA009 provides microcontroller eight input pins
plus eight I/O pins and eight output pins. Each
input pin can be configured as interrupt source and
output pin can be configured as CMOS/NMOS
output. The MA009 is controlled through a 3-wire
serial interface, and can be set as one of eight chip
addresses by pin option.
The device is optimized
for use in many commercial and industrial
applications where high density, low pin count,
low voltage, and low power are essential.
Pad Description
Pad No.
Pad Name
I/O
Description
1, 8, 9
NC
I
No connection
2, 3, 4
A0, A1, A2
I
Chip Address bit0, bit1, bit2
5
C/DB
I
Serial interface, command/data selector
6
SCLK
I
Serial interface, serial clock
7
Sin
I
Serial interface, serial command/data input
10
INTB
O
Input port interrupt event indicator
20 to 13
P20 to P27
O
Output Port 2
29 to 22
P10 to P17
O
Input/Output Port 1
38 to 31
P00 to P07
O
Input Port 0
12, 30, 40, 41
VCC
P
Positive supply voltage
11, 21, 39
GND
P
Power ground (0 V)


Similar Part No. - MA009AP

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00 CK-COMPONENTS-MA00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Infineon Technologies A...
MA000039866 INFINEON-MA000039866 Datasheet
22Kb / 1P
   Material Content Data Sheet
15. October 2014
MA000040540 INFINEON-MA000040540 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
MA000040544 INFINEON-MA000040544 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
MA000040744 INFINEON-MA000040744 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
More results

Similar Description - MA009AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66156SP RENESAS-R8A66156SP Datasheet
202Kb / 8P
   24-bit I/O EXPANDER WITH LED DRIVE FUNCTION
logo
Generalplus Technology ...
GPBA02A GENERALPLUS-GPBA02A Datasheet
378Kb / 21P
   I/O Extender
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
ON Semiconductor
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com