Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA100 Datasheet(PDF) 2 Page - Megawin Technology Co., Ltd

Part No. MA100
Description  UART-to- USB Bridge Controller
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEGAWIN [Megawin Technology Co., Ltd]
Homepage  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MA100 Datasheet(HTML) 2 Page - Megawin Technology Co., Ltd

  MA100 Datasheet HTML 1Page - Megawin Technology Co., Ltd MA100 Datasheet HTML 2Page - Megawin Technology Co., Ltd MA100 Datasheet HTML 3Page - Megawin Technology Co., Ltd MA100 Datasheet HTML 4Page - Megawin Technology Co., Ltd MA100 Datasheet HTML 5Page - Megawin Technology Co., Ltd MA100 Datasheet HTML 6Page - Megawin Technology Co., Ltd MA100 Datasheet HTML 7Page - Megawin Technology Co., Ltd MA100 Datasheet HTML 8Page - Megawin Technology Co., Ltd MA100 Datasheet HTML 9Page - Megawin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
General Description
The MA100 is a USB interface to a UART
bridge controller, which allows high efficient
data transfer rate between a UART device
and a USB host. The MA100 is usually
used in some existing devices with UART
only, and work through it to provide easy
connectivity between USB host and UART
device.
The MA100 will be connected up to 57.6k bps
UART, and the USB PC software driver is
also supported for the Microsoft Windows 98
SE/Me/2000/XP environment. MA100 will be
very suitable for hand-held game, data bank,
I-toy,
and
other
products
that
need
to
download/upload data through the PC system.
Pin Description
PIN Name
I/O
Description
TX
O
UART Transmit with an open-drain
RX
I
UART Receive with an open drain
BS0~2
I
Test pin
LBRS
I
Low baud rate select pin
USB_LED
O
LED for USB indication
TX_LED
O
LED for transmit indication
RX_LED
O
LED for receive indication
P0
O
Output pin
-RST
I
Reset pin, low active
TO0~1
I
Time-out between RX and USB
EE_A0
O
External EEPROM A0 address pin
EE_A1
O
External EEPROM A1 address pin
EE_SCL
O
External EEPROM serial clock input pin
EE_SDA
I/O
External EEPROM serial data pin
XTAL1
I
6MHz crystal or resonator in
XTAL2
I
6MHz crystal or resonator out
D+
I/O
USB data +
D-
I/O
USB data -
VCC
I
Voltage supply
VSS
I
Ground
V3.3
O
3.3V regulated output, a capacitor should be added on
this pin
2
MA100 Data Sheet
MEGAWIN


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn