Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5507 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5507
Description  Very Low Power, 16-Bit and 20-Bit A/D Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5507 Datasheet HTML 1Page - Cirrus Logic CS5507 Datasheet HTML 2Page - Cirrus Logic CS5507 Datasheet HTML 3Page - Cirrus Logic CS5507 Datasheet HTML 4Page - Cirrus Logic CS5507 Datasheet HTML 5Page - Cirrus Logic CS5507 Datasheet HTML 6Page - Cirrus Logic CS5507 Datasheet HTML 7Page - Cirrus Logic CS5507 Datasheet HTML 8Page - Cirrus Logic CS5507 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS5505/6/7/8
Very Low Power, 16-Bit and 20-Bit A/D Converters
Features
l Very Low Power Consumption
- Single supply +5 V operation: 1.7 mW
- Dual supply ±5 V operation: 3.2 mW
l Offers superior performance to VFCs and
multi-slope integrating ADCs
l Differential Inputs
- Single-channel (CS5507/8) and Four-channel
(CS5505/6) pseudo-differential versions
l Either 5 V or 3.3 V Digital Interface
l Linearity Error:
- ±0.0015% FS (16-bit CS5505/7)
- ±0.0007% FS (20-bit CS5506/8)
l Output update rates up to 100 Sps
l Flexible Serial Port
l Pin-Selectable Unipolar/Bipolar Ranges
Description
The CS5505/6/7/8 are a family of low power CMOS A/D
converters which are ideal for measuring low-frequency
signals representing physical, chemical, and biological
processes.
The CS 5507/8 have single-channel differential analog
and reference inputs while the CS5505/6 have four
pseudo-differential analog input channels. The
CS5505/7 have a 16-bit output word. The CS5506/8
have a 20-bit output word.The CS5505/6/7/8 sample
upon command up to 100 Sps.
The on-chip digital filter offers superior line rejection at
50 and 60 Hz when the device is operated from a
32.768 kHz clock (output word rate = 20 Sps).
The CS 5505/6/7/8 include on-chip self-calibration cir-
cuitry which can be initiated at any time or temperature
to ensure minimum offset and full-scale errors.
The CS5505/6/7/8 serial port offers two general-purpose
modes for the direct in terface to shift r egisters or syn-
chronous serial ports of industry-standard
microcontrollers.
ORDERING INFORMATION
See page 30.
I
&6
'*1'
9'
6&/.
6'$7$
'5'<
&$/
%383
&219 ;,1
$,1










$,1


;287


9$

9$

08;
WK2UGHU
'HOWD6LJPD
0RGXODWRU
'LJLWDO
)LOWHU
&DOLEUDWLRQ µ&
6HULDO
,QWHUIDFH
/RJLF
26&
&DOLEUDWLRQ 65$0
'LIIHUHQWLDO
$

$

$,1
$,1

$,1
95()

95()

9ROWDJH5HIHUHQFH
95()287

06/3

&6 %,7 $1' &6 %,7 6+2:1
MAR ‘95
DS59F4
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
CS5505/6/7/8
Very Low Power, 16-bit & 20-bit A/D Converters
OCT ‘09
DS59F7


Similar Part No. - CS5507

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5507 CIRRUS-CS5507 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5507-AP CIRRUS-CS5507-AP Datasheet
721Kb / 40P
   VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
CS5507-AS CIRRUS-CS5507-AS Datasheet
721Kb / 40P
   VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
CS5507-ASZ CIRRUS-CS5507-ASZ Datasheet
721Kb / 40P
   VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
CS5507-ASZ CIRRUS-CS5507-ASZ Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
More results

Similar Description - CS5507

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505 Datasheet
721Kb / 40P
   VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
   Non-aliasing, 16- & 20-bit A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
logo
API Technologies Corp
MN6290 APITECH-MN6290 Datasheet
1Mb / 12P
   Low-distortion Sampling 16-bit A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com