Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA007AH Datasheet(PDF) 2 Page - Megawin Technology Co., Ltd

Part # MA007AH
Description  3-in-1 8-bit serial to parallel latch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MA007AH Datasheet(HTML) 2 Page - Megawin Technology Co., Ltd

  MA007AH Datasheet HTML 1Page - Megawin Technology Co., Ltd MA007AH Datasheet HTML 2Page - Megawin Technology Co., Ltd MA007AH Datasheet HTML 3Page - Megawin Technology Co., Ltd MA007AH Datasheet HTML 4Page - Megawin Technology Co., Ltd MA007AH Datasheet HTML 5Page - Megawin Technology Co., Ltd MA007AH Datasheet HTML 6Page - Megawin Technology Co., Ltd MA007AH Datasheet HTML 7Page - Megawin Technology Co., Ltd MA007AH Datasheet HTML 8Page - Megawin Technology Co., Ltd MA007AH Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
MA007A Technical Summary
MEGAWIN
General Description
The
MA007
are
high-speed
Si-gate
CMOS
devices. There are three groups 8-stage serial
shift register with a storage register and 3-state
outputs in MA007. The shift register and storage
register have separate clocks. Data is shifted on
the positive-going transitions of the SCLK input.
The data in each register is transferred to the
storage register on a positive-going transition of
the PCLK input. If both clocks are connected
together, the shift register will always be one clock
pulse ahead of the storage register. The shift
register has a serial input (DINx) and a serial
standard output (DOUTx) for cascading. It is also
provided with asynchronous reset (active LOW)
for all 8 stages shift register. The storage register
has 8 parallel 3-state bus driver outputs. Data in
the storage register appears at the output
whenever the output enable input (/OE) is LOW.
Pad Description
Pad No.
Pad Name
I/O
Description
1
/OE
I
Output enable (active LOW)
2
PCLK
I
Parallel register clock input
3
/SCLR
I
Serial register reset (active LOW)
4
SCLK
I
Shift register clock input
5, 6, 7
DIN0, DIN1, DIN2
I
Serial data input
10, 9, 8
DOUT0, DOUT1, DOUT2
O
Serial data output
20 to 13
Q20 to Q27
O
Parallel data group 2 output
29 to 22
Q10 to Q17
O
Parallel data group 1 output
38 to 31
Q00 to Q07
O
Parallel data group 0 output
12, 30, 40
VCC
P
Positive supply voltage
11, 21, 39, 41
GND
P
Power ground (0 V)


Similar Part No. - MA007AH

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00 CK-COMPONENTS-MA00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Infineon Technologies A...
MA000039866 INFINEON-MA000039866 Datasheet
22Kb / 1P
   Material Content Data Sheet
15. October 2014
MA000040540 INFINEON-MA000040540 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
MA000040544 INFINEON-MA000040544 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
MA000040744 INFINEON-MA000040744 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
More results

Similar Description - MA007AH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
   8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
   8-BIT SERIAL TO PARALLEL CONVERTER?
logo
National Semiconductor ...
54165 NSC-54165 Datasheet
109Kb / 6P
   8-Bit Parallel-to-Serial Converter
August 1989
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
logo
Nexperia B.V. All right...
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com