Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA007A Datasheet(PDF) 1 Page - Megawin Technology Co., Ltd

Part # MA007A
Description  3-in-1 8-bit serial to parallel latch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MA007A Datasheet(HTML) 1 Page - Megawin Technology Co., Ltd

  MA007A Datasheet HTML 1Page - Megawin Technology Co., Ltd MA007A Datasheet HTML 2Page - Megawin Technology Co., Ltd MA007A Datasheet HTML 3Page - Megawin Technology Co., Ltd MA007A Datasheet HTML 4Page - Megawin Technology Co., Ltd MA007A Datasheet HTML 5Page - Megawin Technology Co., Ltd MA007A Datasheet HTML 6Page - Megawin Technology Co., Ltd MA007A Datasheet HTML 7Page - Megawin Technology Co., Ltd MA007A Datasheet HTML 8Page - Megawin Technology Co., Ltd MA007A Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MA007A
3-in-1 8-bit serial to parallel latch
This document contains information on a new product under development by MEGAWIN. MEGAWIN reserves the right to change or discontinue
this product without notice.
© MEGAWIN Technology Co., Ltd. 2006 All rights reserved.
2005/11 version A1
MEGAWIN
Features
Three 8-bit serial input
Three 8-bit parallel output
Operation voltage: 2.0V to 5.7V
Storage register with 3-state outputs
Shift register with direct clear
5 MHz (typical) shift out frequency
Output capability:
Parallel outputs; bus driver
Serial output; standard
Selection Information
MA007AH
MA007AP
MA007AD
MA007AF
Package / Dice
Dice
44-PLCC
48-LQFP
44-PQFP
Parallel Output
24 pins
Sink Current
20mA
Application Field
Serial-to-parallel data conversion
Remote control holding register


Similar Part No. - MA007A

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00 CK-COMPONENTS-MA00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Infineon Technologies A...
MA000039866 INFINEON-MA000039866 Datasheet
22Kb / 1P
   Material Content Data Sheet
15. October 2014
MA000040540 INFINEON-MA000040540 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
MA000040544 INFINEON-MA000040544 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
MA000040744 INFINEON-MA000040744 Datasheet
24Kb / 1P
   Material Content Data Sheet
29. August 2013
More results

Similar Description - MA007A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
   8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
   8-BIT SERIAL TO PARALLEL CONVERTER?
logo
National Semiconductor ...
54165 NSC-54165 Datasheet
109Kb / 6P
   8-Bit Parallel-to-Serial Converter
August 1989
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
logo
Nexperia B.V. All right...
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com