Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21V1412 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR21V1412
Description  2-CH FULL-SPEED USB UART
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21V1412 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR21V1412 Datasheet HTML 2Page - Exar Corporation XR21V1412 Datasheet HTML 3Page - Exar Corporation XR21V1412 Datasheet HTML 4Page - Exar Corporation XR21V1412 Datasheet HTML 5Page - Exar Corporation XR21V1412 Datasheet HTML 6Page - Exar Corporation XR21V1412 Datasheet HTML 7Page - Exar Corporation XR21V1412 Datasheet HTML 8Page - Exar Corporation XR21V1412 Datasheet HTML 9Page - Exar Corporation XR21V1412 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
XR21V1412
6
2-CH FULL-SPEED USB UART
REV. 1.0.0
1.0 FUNCTIONAL DESCRIPTIONS
1.1
USB interface
The USB interface of the V1412 is compliant with the USB 2.0 Full-Speed Specifications. The USB
configuration model presented by the V1412 to the device driver is compatible to the Abstract Control Model of
the USB Communication Device Class (CDC-ACM). The V1412 uses the following set of parameters:
1 Control Endpoint
Endpoint 0 as outlined in the USB specifications
1 Configuration is supported
2 interfaces per UART channel
Each UART channel has a single interrupt endpoint
Each UART channel have bulk-in and bulk-out endpoints
1.1.1
USB Vendor ID
Exar’s USB Vendor ID is 0x04E2. This is the default Vendor ID that is used for the V1412 unless a valid
EEPROM is present on the I2C interface signals. If a valid EEPROM is present, the Vendor ID from the
EEPROM will be used.
1.1.2
USB Product ID
The default USB Product ID for the V1412 is 0x1412. If a valid EEPROM is present, the Product ID from the
EEPROM will be used.
1.2
I2C Interface
The I2C interface provides connectivity to an external I2C memory device (i.e. EEPROM) that can be read by
the V1412 for configuration.
The SDA and SCL are used to specify whether Remote Wakeup and/or Bus Powered configurations are to be
supported. These pins are sampled at power-up. The following table describes how Remote Wakeup and Bus
Powered support.
TABLE 1: REMOTE WAKEUP AND POWER MODES
REMOTE WAKE-UP
SUPPORT
POWER MODE
COMMENTS
1
1
No
Self-Powered
Default, if no EEPROM is present
1
0
No
Bus-Powered
0
1
Yes
Self-Powered
0
0
Yes
Bus-Powered
SDA
SCL


Similar Part No. - XR21V1412

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1412 EXAR-XR21V1412 Datasheet
288Kb / 30P
   2-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
   2-CH FULL-SPEED USB UART
XR21V1412IL32 EXAR-XR21V1412IL32 Datasheet
288Kb / 30P
   2-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412_10 Datasheet
288Kb / 30P
   2-CH FULL-SPEED USB UART
More results

Similar Description - XR21V1412

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
   2-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412_10 Datasheet
288Kb / 30P
   2-CH FULL-SPEED USB UART
XR21B1422 EXAR-XR21B1422 Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1422IL40-0A EXAR-XR21B1422IL40-0A Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410 Datasheet
623Kb / 23P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410_10 Datasheet
267Kb / 27P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com