Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR20V2172IL64 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR20V2172IL64
Description  TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR20V2172IL64 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR20V2172IL64 Datasheet HTML 2Page - Exar Corporation XR20V2172IL64 Datasheet HTML 3Page - Exar Corporation XR20V2172IL64 Datasheet HTML 4Page - Exar Corporation XR20V2172IL64 Datasheet HTML 5Page - Exar Corporation XR20V2172IL64 Datasheet HTML 6Page - Exar Corporation XR20V2172IL64 Datasheet HTML 7Page - Exar Corporation XR20V2172IL64 Datasheet HTML 8Page - Exar Corporation XR20V2172IL64 Datasheet HTML 9Page - Exar Corporation XR20V2172IL64 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
XR20V2172
6
TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
REV. 1.0.1
1.0
PRODUCT DESCRIPTION
The XR20V2172 (V2172) integrates a selectable I2C/SPI bus interface with an enhanced two channel
Universal Asynchronous Receiver and Transmitter (UART) and an RS-232 Transceiver. The configuration
register set is 16550 UART compatible for control, status and data transfer. Additionally, each channel of the
V2172 has 64-bytes of transmit and receive FIFOs, automatic RTS/CTS hardware flow control, automatic Xon/
Xoff and special character software flow control, programmable transmit and receive FIFO trigger levels,
programmable fractional baud rate generator with a prescaler of divide by 1 or 4, data rate up to 1 Mbps, while
meeting all EIA RS-232F specifications. Additionally, the V2172 includes the ACP pin with which the user can
shut down the charge pump for the RS-232 drivers when the V2172 is already in sleep mode. The XR20V2172
is a 3.3 to 5.5V device. The V2172 is fabricated with an advanced CMOS process.
Enhanced Features
The V2172 UART provides a solution that supports 64 bytes of transmit and receive FIFO memory, instead of
16 bytes in the industry standard 16C550. The V2172 is designed to work with low supply voltage and high
performance data communication systems, that require fast data processing time. Increased performance is
realized in the V2172 by the larger transmit and receive FIFOs, FIFO trigger level control and automatic flow
control mechanism. This allows the external processor to handle more networking tasks within a given time.
For example, the 16C550 with a 16 byte FIFO, unloads 16 bytes of receive data in 1.53 ms (This example uses
a character length of 11 bits, including start/stop bits at 115.2 Kbps). This means the external CPU will have to
service the receive FIFO at 1.53 ms intervals. However with the 64 byte FIFO in the V2172, the data buffer will
not require unloading/loading for 6.1 ms. This increases the service interval giving the external CPU additional
time for other applications and reducing the overall UART interrupt servicing time. In addition, the
programmable FIFO level trigger interrupt and automatic hardware/software flow control is uniquely provided
for maximum data throughput performance especially when operating in a multi-channel system. The
combination of the above greatly reduces the CPU’s bandwidth requirement, increases performance, and
reduces power consumption. Finally, since the V2172 includes an RS-232 transceiver and a full-modem
interface, it can be connected to an RS-232 serial cable directly.
Data Rate
The V2172 is capable of operation up to 1 Mbps data rate using the 16X, 8X or 4X internal sampling clock rate.
The UART section can operate at much higher speeds, but the speed of the RS-232 transceiver is limited to
1Mbps beyond which the V2172 cannot comply with the EIA/TIA-232 electrical characteristics. The device can
operate either with a crystal on pins XTAL1 and XTAL2, or external clock source on XTAL1 pin.
RS-232 Interface
The V2172 includes RS-232 drivers/receivers for the modem interface. This feature eliminates the need for an
external RS-232 transceiver. The charge pump provides output voltages of +5V and -5V for its drivers over the
3.3V to 3.63V power supply voltage range. The serial outputs TXD swing between -5V (inactive) and +5V
(active) RS-232 voltage levels. The serial inputs RXD are RS-232 receivers and can take any voltage swing
from -15V to +15V. The receivers are always active, even in Sleep mode. The RS-232 drivers guarantee a data
rate of 1 Mbps even when fully loaded with 3Kohm in parallel with 1000pF load.
All RS-232 drivers and receivers are protected to ±15kV using the Human Body Model ground combination,
±8kV using IEC 61000-4-2 Contact Discharge, and ±15kV using IEC 61000-4-2 Air-Gap Discharge. For more
information, send an e-mail to uarttechsupport@exar.com.


Similar Part No. - XR20V2172IL64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20V2172IL64 EXAR-XR20V2172IL64 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
More results

Similar Description - XR20V2172IL64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20M1172 EXAR-XR20M1172_09 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172G28-0B EXAR-XR20M1172G28-0B Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170G16-0B EXAR-XR20M1170G16-0B Datasheet
1Mb / 56P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1280L32-0B EXAR-XR20M1280L32-0B Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR20M1280 EXAR-XR20M1280 Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com