Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR20V2172IL64 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR20V2172IL64
Description  TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR20V2172IL64 Datasheet(HTML) 1 Page - Exar Corporation

  XR20V2172IL64 Datasheet HTML 1Page - Exar Corporation XR20V2172IL64 Datasheet HTML 2Page - Exar Corporation XR20V2172IL64 Datasheet HTML 3Page - Exar Corporation XR20V2172IL64 Datasheet HTML 4Page - Exar Corporation XR20V2172IL64 Datasheet HTML 5Page - Exar Corporation XR20V2172IL64 Datasheet HTML 6Page - Exar Corporation XR20V2172IL64 Datasheet HTML 7Page - Exar Corporation XR20V2172IL64 Datasheet HTML 8Page - Exar Corporation XR20V2172IL64 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR20V2172
TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
JULY 2008
REV. 1.0.1
GENERAL DESCRIPTION
The XR20V21721 (V2172) is a high performance two
channel
universal
asynchronous
receiver
and
transmitter (UART) with 64 byte TX and RX FIFOs, a
selectable
I2C/SPI
slave
interface
and
RS232
transceiver. The V2172 operates from 3.3 to 5.5 volts.
The enhanced features in the V2172 include a
programmable fractional baud rate generator, an 8X
and 4X sampling rate that allows for a maximum baud
rate of 1 Mbps at 3.3V. The standard features include
16 selectable TX and RX FIFO trigger levels,
automatic hardware (RTS/CTS) and software (Xon/
Xoff) flow control, and a complete modem interface.
Onboard registers provide the user with operational
status and data error flags. An internal loopback
capability allows system diagnostics. The V2172 is
available in the 64-pin QFN.
NOTE: 1 Covered by U.S. Patent #5,649,122
APPLICATIONS
Portable Appliances
Battery-Operated Devices
Cellular Data Devices
Factory Automation and Process Controls
FEATURES
Selectable I2C/SPI Interface
Meets true EIA/TIA-232-F Standards from +3.3V to
+5.5V operation
Data rate up to 1 Mbps
45us sleep mode exit (charge pump to full power)
ESD protection for RS-232 I/O pins at
+/-15kV - Human Body Model
+/-15kV - IEC 61000-4-2, Air-Gap Discharge
+/- 8kV - IEC 61000-4-2, Contact Discharge
Full-featured UART
Fractional Baud Rate Generator
Transmit and Receive FIFOs of 64 bytes
16 Selectable TX and RX FIFO Trigger Levels
Automatic Hardware (RTS/CTS) Flow Control
Automatic Software (Xon/Xoff) Flow Control
Halt and Resume Transmission Control
Automatic sleep mode
General Purpose I/Os
Full modem interface
64-QFN packages
FIGURE 1. XR20V2172 BLOCK DIAGRAM
U A R T
R S -2 32 T ra n sc eiver
Cry s ta l
Os c /B u ffe r
BR G
6 4 B y te
TX & R X
FIFO
M ode m
I/O s
TX A
RX A
RT S A #
DT RA #
CT S A #
DS RA #
RIA #
CDA #
C h arge P u m p
TXD A
RT S A
DT RA
5K
RX DA
5K
CT S A
5K
DS RA
5K
RIA
5K
CDA
VR EF +
VR EF -
C h a nne l B
CDB #
RIB #
DS R B #
CT S B #
C h a nne l A
DT RB #
RT S B #
TXB
RX B
C h an ne l B
Tra n s c e iv e r
Ch A T ra n s c e iv e r
CDB
RIB
DS RB
CT S B
DT RB
RT S B
TXD B
RX DB
I2 C /S P I#
SD A
SC K
A0 /C SA#
A1 /S I
SO
IR Q #
RE S E T #
R XB_ SEL
TXB
RX B


Similar Part No. - XR20V2172IL64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20V2172IL64 EXAR-XR20V2172IL64 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
More results

Similar Description - XR20V2172IL64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20M1172 EXAR-XR20M1172_09 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172G28-0B EXAR-XR20M1172G28-0B Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170G16-0B EXAR-XR20M1170G16-0B Datasheet
1Mb / 56P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1280L32-0B EXAR-XR20M1280L32-0B Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR20M1280 EXAR-XR20M1280 Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com