Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR20V2172 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR20V2172
Description  TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR20V2172 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR20V2172 Datasheet HTML 4Page - Exar Corporation XR20V2172 Datasheet HTML 5Page - Exar Corporation XR20V2172 Datasheet HTML 6Page - Exar Corporation XR20V2172 Datasheet HTML 7Page - Exar Corporation XR20V2172 Datasheet HTML 8Page - Exar Corporation XR20V2172 Datasheet HTML 9Page - Exar Corporation XR20V2172 Datasheet HTML 10Page - Exar Corporation XR20V2172 Datasheet HTML 11Page - Exar Corporation XR20V2172 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
XR20V2172
8
TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
REV. 1.0.1
2.2
I2C-bus Addressing
There could be many devices on the I2C-bus. To distinguish itself from the other devices on the I2C-bus, there
are eight possible slave addresses that can be selected for the V2172 using the A1 and A0 address lines.
Table 1 below shows the different addresses that can be selected. Note that there are two different ways to
select each I2C address.
An I2C sub-address is sent by the I2C master following the slave address. The sub-address contains the
UART register address being accessed.
A read or write transaction is determined by bit-0 of the slave
address. If bit-0 is’0’, then it is a write transaction. If bit-0 is ’1’, then it is a read transaction. Table 2 below
lists the functions of the bits in the I2C sub-address.
After the last read or write transaction, the I2C-bus master will set the SCL signal back to its idle state (HIGH).
TABLE 1: XR20V2172 I2C ADDRESS MAP
A1
A0
I2C ADDRESS
VCC
VCC
0x60 (0110 000X)
VCC
GND
0x62 (0110 001X)
VCC
SCL
0x64 (0110 010X)
VCC
SDA
0x66 (0110 011X)
GND
VCC
0x68 (0110 100X)
GND
GND
0x6A (0110 101X)
GND
SCL
0x6C (0110 110X)
GND
SDA
0x6E (0110 111X)
SCL
VCC
0x60 (0110 000X)
SCL
GND
0x62 (0110 001X)
SCL
SCL
0x64 (0110 010X)
SCL
SDA
0x66 (0110 011X)
SDA
VCC
0x68 (0110 100X)
SDA
GND
0x6A (0110 101X)
SDA
SCL
0x6C (0110 110X)
SDA
SDA
0x6E (0110 111X)
TABLE 2: I2C SUB-ADDRESS
BIT
FUNCTION
7
Reserved
6:3
UART Internal Register Address A3:A0
2:1
UART Channel Select
’00’ = UART Channel A
’01’ = UART Channel B
0
Reserved


Similar Part No. - XR20V2172

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172IL64 EXAR-XR20V2172IL64 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
More results

Similar Description - XR20V2172

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20M1172 EXAR-XR20M1172_09 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172G28-0B EXAR-XR20M1172G28-0B Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172 EXAR-XR20M1172 Datasheet
1,017Kb / 57P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170G16-0B EXAR-XR20M1170G16-0B Datasheet
1Mb / 56P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1280L32-0B EXAR-XR20M1280L32-0B Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR20M1280 EXAR-XR20M1280 Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com