Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-3010-DEJ-107 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # OX-3010-DEJ-107
Description  Oven Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-3010-DEJ-107 Datasheet(HTML) 2 Page - Vectron International, Inc

  OX-3010-DEJ-107 Datasheet HTML 1Page - Vectron International, Inc OX-3010-DEJ-107 Datasheet HTML 2Page - Vectron International, Inc OX-3010-DEJ-107 Datasheet HTML 3Page - Vectron International, Inc OX-3010-DEJ-107 Datasheet HTML 4Page - Vectron International, Inc OX-3010-DEJ-107 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 2 of 5
Performance Specifications
Supply Voltage (Vs)
Parameter
Min
Typical
Max
Units
Condition
Supply voltage (standard)
3.135
3.3
3.465
VDC
4.75
5.0
5.25
VDC
11.4
12.0
12.6
VDC
Power consumption
3.0
Watts
during warm-up
1.0
Watts
steady state @ +25°C
RF Output
Signal [standard]
HCMOS
Load
15
pF
Signal Level (Vol)
0.4
VDC
with Vs=3.3V and 15pF Load
Signal Level (Vol)
0.5
with Vs=5.0V & 12V and 15pF Load
Signal Level (Voh)
2.4
VDC
with Vs=3.3V and 15pF Load
Signal Level (Voh)
3.5
with Vs=5.0V & 12V and 15pF Load
Duty Cycle
45
55
%
@ (Voh-Vol)/2
Signal
Sine Wave
Load
50
Ω
Output Power @3,3V
2
5
8
dBm
50 Ω load
Putput Power @ 5.0V
5
8
11
dBm
50 Ω load
Harmonics
-30
dBm
50 Ω load
Frequency Tuning (EFC)
Tuning Range
Fixed OCXO; No adjust
Tuning Range
±3.0
±8
ppm
with AT cut crystal
±1.0
±2.5
ppm
with SC cut crystal
Linearity
10%
Tuning Slope
Positive
Control Voltage Range
0.0
1.4
2.8
VDC
with Vs=3.3V
0.0
2.0
4.0
with Vs=5.0V
0.0
2.0
4.0
VDC
with Vs=12.0V
Reference Voltage Output (Vref )
Reference Voltage
2.75
2.8
2.85
VDC
with Vs = 3.3 VDC
3.92
4.0
4.08
VDC
with Vs = 5.0 VDC
4.9
5.0
5.1
VDC
with Vs =12 VDC
Additional Parameters
Phase Noise3
-90
-120
-140
-145
-150
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
@ 10MHz
with SC
Cut
Phase Noise3
-75
-105
-130
-140
-150
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
@ 10MHz
with AT
Cut
Weight
14
g
Processing & Packing
Handling & Processing Note


Similar Part No. - OX-3010-DEJ-107

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-301 VECTRON-OX-301 Datasheet
207Kb / 5P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-3010-DEJ-107

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com