Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17V352 Datasheet(PDF) 26 Page - Exar Corporation

Part # XR17V352
Description  HIGH PERFORMANCE DUAL PCI EXPRESS UART
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V352 Datasheet(HTML) 26 Page - Exar Corporation

Back Button XR17V352 Datasheet HTML 22Page - Exar Corporation XR17V352 Datasheet HTML 23Page - Exar Corporation XR17V352 Datasheet HTML 24Page - Exar Corporation XR17V352 Datasheet HTML 25Page - Exar Corporation XR17V352 Datasheet HTML 26Page - Exar Corporation XR17V352 Datasheet HTML 27Page - Exar Corporation XR17V352 Datasheet HTML 28Page - Exar Corporation XR17V352 Datasheet HTML 29Page - Exar Corporation XR17V352 Datasheet HTML 30Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
XR17V352
PRELIMINARY
26
HIGH PERFORMANCE DUAL PCI EXPRESS UART
REV. P1.0.1
MPIOINT [15:0] (default 0x00)
The MPIOINT register enables the multipurpose input pin interrupt. If an MPIO pin is selected by MPIOSEL as
an input, then it can be selected to generate an interrupt. MPIOINT bit[0] enables input pin MPIO0 for interrupt,
and bit [7] enables input pin 7. No interrupt is enable if the pin is selected to be an output. The interrupt is edge
sensing and determined by MPIOINV and MPIOLVL registers. The MPIO interrupt clears after a read to
register MPIOLVL. The combination of MPIOLVL and MPIOINV determines the interrupt being active LOW or
active HIGH. Logic 0 (default) disables the pin’s interrupt and logic 1 enables it.
MPIO6
MPIO7
MPIO5 MPIO4 MPIO3 MPIO2 MPIO1 MPIO0
MPIOINT Register
Multipurpose Input/Output Interrupt Enable
Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0
MPIOLVL [15:0] (default 0x00)
The MPIOLVL register controls the output pins and provides the input level status for the input pins. The status
of the input pin(s) is read on this register and output pins are controlled on this register. A logic 0 (default) sets
the output to LOW and a logic 1 sets the output pin to HIGH. The MPIO interrupt will clear upon reading this
register.
MPIO6
MPIO7
MPIO5 MPIO4 MPIO3 MPIO2 MPIO1 MPIO0
MPIOLVL Register
Multipurpose Output Level Control
Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0
MPIO3T [15:0] (default 0x00)
The MPIO outputs can be tri-stated by the MPIO3T register. A logic 0 (default) sets the output to active level
per register MPIOBIT settling, a logic 1 sets the output pin to tri-state.
MPIO6
MPIO7
MPIO5 MPIO4 MPIO3 MPIO2 MPIO1 MPIO0
MPIO3T Register
Multipurpose Output 3-state Enable
Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0
MPIOINV [15:0] (default 0x00)
The MPIO inputs can be inverted by the MPIOINV register. A logic 0 (default) does not invert the input pin logic.
A logic 1 inverts the input logic level.
MPIO6
MPIO7
MPIO5 MPIO4 MPIO3 MPIO2 MPIO1 MPIO0
MPIOINV Register
Multipurpose Input Signal Inversion Enable
Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0


Similar Part No. - XR17V352

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V352IB113-F EXAR-XR17V352IB113-F Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V352IB113F EXAR-XR17V352IB113F Datasheet
400Kb / 2P
   Flammability rating of UL 94-V0
More results

Similar Description - XR17V352

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V358IB-0A-EVB EXAR-XR17V358IB-0A-EVB Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V358 EXAR-XR17V358 Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V354IB-E4-EVB EXAR-XR17V354IB-E4-EVB Datasheet
1Mb / 67P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
XR17V354 EXAR-XR17V354 Datasheet
1Mb / 66P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
logo
C-Media Electronics
CM8888 CMEDIA-CM8888 Datasheet
482Kb / 25P
   High-Performance PCI Express Audio Processor
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
CM8828 CMEDIA-CM8828 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
CM8888DMS CMEDIA-CM8888DMS Datasheet
482Kb / 25P
   High-Performance PCI Express Audio Processor
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
   Integrated High Performance UART Cardbus / PCI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com