Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17V352 Datasheet(PDF) 11 Page - Exar Corporation

Part # XR17V352
Description  HIGH PERFORMANCE DUAL PCI EXPRESS UART
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V352 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR17V352 Datasheet HTML 7Page - Exar Corporation XR17V352 Datasheet HTML 8Page - Exar Corporation XR17V352 Datasheet HTML 9Page - Exar Corporation XR17V352 Datasheet HTML 10Page - Exar Corporation XR17V352 Datasheet HTML 11Page - Exar Corporation XR17V352 Datasheet HTML 12Page - Exar Corporation XR17V352 Datasheet HTML 13Page - Exar Corporation XR17V352 Datasheet HTML 14Page - Exar Corporation XR17V352 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
PRELIMINARY
XR17V352
11
REV. P1.0.1
HIGH PERFORMANCE DUAL PCI EXPRESS UART
0x80
31:16
RO
PCI Express 2.0 capable endpoint, Interrupt Message Number 1
0x0202
15:8
RO
Next Capability Pointer
0x00
7:0
RO
PCI Express Capability ID
0x10
0x84
31:16
RO
Not implemented or not applicable (return zeros)
0x0000
15:8
RO
Role-Based Error Reporting
0x80
7:0
RO
256 bytes max payload size
0x01
0x88
31:16
RW
Not implemented or not applicable (return zeros)
0x0000
15:8
RW
512 bytes max read request, Enable No Snoop
0x28
7:0
RW
256 bytes max TLP payload size
0x10
0x8C
31:24
RO
Port Number
0x01
23:22
RO
Not implemented or not applicable (return zeros)
00b
21:18
RO
Not implemented or not applicable (return zeros)
0000b
17:15
RO
L1 Exit Latency < 1 us
000b
14:12
RO
L0s Exit Latency < 64 ns
000b
11:10
RO
Active State Power Management (ASPM) Support
L0s and L1 Supported
11b
9:4
RO
x1 max Link Width
000001b
3:0
RO
2.5GT/s Link speed supported
0001b
0x90
31:21
RO
Not implemented or not applicable (return zeros)
00000000000b
20
RO
Data Link Layer Active Reporting capable
1b
19
RO
Surprise Down Error Reporting not supported
0b
18
RO
Reference clock must not be removed.
0b
17:15
RO
L1 Exit Latency - 2 us to less than 4 us
010b
14:10
RO
Not implemented or not applicable (return zeros)
00000b
9:4
RO
x1 negotiated Link Width
000001b
3:0
RO
Current Link Speed is 2.5GT/s
0001b
0x94
31:0
RO
PCIe Capability Offset 0x14 - Slot Capabilities Register
0x00040000
0x98-0xAF 31:0
RO
Not implemented or not applicable (return zeros)
0x00000000
0xB0
31:0
RO
PCIe Capability Offset 0x30 - Link Status2/Control2
0x00010001
0xB4-0xFF 31:0
RO
Not implemented or not applicable (return zeros)
0x00000000
0x100
31:0
RO
VC Resource Capability Register
0x00010002
TABLE 1: PCI LOCAL BUS CONFIGURATION SPACE REGISTERS
ADDRESS
OFFSET
BITS
TYPE
DESCRIPTION
RESET VALUE
(HEX OR BINARY)


Similar Part No. - XR17V352

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V352IB113-F EXAR-XR17V352IB113-F Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V352IB113F EXAR-XR17V352IB113F Datasheet
400Kb / 2P
   Flammability rating of UL 94-V0
More results

Similar Description - XR17V352

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V358IB-0A-EVB EXAR-XR17V358IB-0A-EVB Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V358 EXAR-XR17V358 Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V354IB-E4-EVB EXAR-XR17V354IB-E4-EVB Datasheet
1Mb / 67P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
XR17V354 EXAR-XR17V354 Datasheet
1Mb / 66P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
logo
C-Media Electronics
CM8888 CMEDIA-CM8888 Datasheet
482Kb / 25P
   High-Performance PCI Express Audio Processor
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
CM8828 CMEDIA-CM8828 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
CM8888DMS CMEDIA-CM8888DMS Datasheet
482Kb / 25P
   High-Performance PCI Express Audio Processor
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
   Integrated High Performance UART Cardbus / PCI interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com