Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3106R22 Datasheet(PDF) 7 Page - DDK Ltd.

Part # DMS3106R22
Description  MIL-C-5015 Compatible Environment Resistant Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3106R22 Datasheet(HTML) 7 Page - DDK Ltd.

Back Button DMS3106R22 Datasheet HTML 3Page - DDK Ltd. DMS3106R22 Datasheet HTML 4Page - DDK Ltd. DMS3106R22 Datasheet HTML 5Page - DDK Ltd. DMS3106R22 Datasheet HTML 6Page - DDK Ltd. DMS3106R22 Datasheet HTML 7Page - DDK Ltd. DMS3106R22 Datasheet HTML 8Page - DDK Ltd. DMS3106R22 Datasheet HTML 9Page - DDK Ltd. DMS3106R22 Datasheet HTML 10Page - DDK Ltd. DMS3106R22 Datasheet HTML 11Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
W
X
Y
Z
-
-
-
-
-
-
-
-
70°
145°
215°
290°
-
120°
240°
-
-
110°
-
-
-
-
-
-
90°
180°
270°
-
80°
180°
270°
-
70°
145°
215°
290°
-
170°
265°
-
35°
110°
250°
325°
90°
180°
270°
-
70°
145°
215°
290°
35°
110°
250°
325°
-
120°
240°
-
-
170°
265°
-
-
120°
240°
-
-
-
-
-
80°
-
-
280
35°
110°
250°
325
80°
-
-
280
-
-
-
-
80°
110°
250°
280
80°
110°
250°
280
-
110°
250°
-
80°
-
-
280°
80°
110°
250°
280°
-
-
-
-
80°
110°
250°
280°
45°
110°
250°
-
70°
145°
215°
290°
80°
125°
235°
280°
7
36-3
36-10
24-28
28-5B
28-21
32-17
22-14
22-19
22-22
24-10
20-15
20-27
20-29
20-33
18-10
18-11
18-19
20-2
16-9
16-10
18-1
18-3
14S-7
16S-1
16S-5
16S-8
12S-3
14S-2
14S-5
14S-6
Insert No.
Key / Keyway No.
10SL-3
10SL-4
DMS E/F/R Series
Alternate Insert Position
W
Z
L
C
Front face of Pin Insert or Rear face of socket insert
(Normal Position)


Similar Part No. - DMS3106R22

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106R10SL-29PBSL-0 DDK-DMS3106R10SL-29PBSL-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3106R10SL-29PBSL-1 DDK-DMS3106R10SL-29PBSL-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3106R10SL-29PBSL-2 DDK-DMS3106R10SL-29PBSL-2 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3106R10SL-29PBSN-0 DDK-DMS3106R10SL-29PBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3106R10SL-29PBSN-1 DDK-DMS3106R10SL-29PBSN-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3106R22

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL-29SBSN-0 DDK-DMS3100E10SL-29SBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
CA3106R20-27PW ITT-CA3106R20-27PW Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com