Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-3200-EAP-256 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TX-3200-EAP-256
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-3200-EAP-256 Datasheet(HTML) 3 Page - Vectron International, Inc

  TX-3200-EAP-256 Datasheet HTML 1Page - Vectron International, Inc TX-3200-EAP-256 Datasheet HTML 2Page - Vectron International, Inc TX-3200-EAP-256 Datasheet HTML 3Page - Vectron International, Inc TX-3200-EAP-256 Datasheet HTML 4Page - Vectron International, Inc TX-3200-EAP-256 Datasheet HTML 5Page - Vectron International, Inc TX-3200-EAP-256 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Note: TCXO’s are precision subsystems with tolerances measured to 0.01 ppm. Non-Hermetically sealed TCXO’s should not be
subjected to a wash process that will immerse the TCXO in solvents. NO CLEAN is the recommended procedure. The TX-320 series of
TCXO’s has been designed for pick and place re ow soldering. The suggested re ow pro le is shown above. The TCXO may be rel-
fowed one time in the non-inverted state. Typical frequency shift as a result of re ow is <1.0 ppm per re ow. VI recommends waiting
at least two hours after re ow below measuring the unit.
Recommended Pad Layout
Recommended Re ow Pro le


Similar Part No. - TX-3200-EAP-256

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-321 VECTRON-TX-321 Datasheet
532Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-3200-EAP-256

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com