Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-3200-EBP-206 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TX-3200-EBP-206
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-3200-EBP-206 Datasheet(HTML) 2 Page - Vectron International, Inc

  TX-3200-EBP-206 Datasheet HTML 1Page - Vectron International, Inc TX-3200-EBP-206 Datasheet HTML 2Page - Vectron International, Inc TX-3200-EBP-206 Datasheet HTML 3Page - Vectron International, Inc TX-3200-EBP-206 Datasheet HTML 4Page - Vectron International, Inc TX-3200-EBP-206 Datasheet HTML 5Page - Vectron International, Inc TX-3200-EBP-206 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Parameter
Min
Typ
Max
Units
Condition
RF Output
Signal
HCMOS/ACMOS
Load
10
pF
Signal Level (Vol)
+0.5
V
Signal Level (Voh)
0.8
V
Rise/Fall Time
5
ns
Duty cycle
40
60
%
@ (Voh-Vol)/2
Signal
TTL
Load
10 TTL
Signal Level (Vol)
+0.5
VDC
with Vs=12.0V or 5.0V and 15pF load
Signal Level (Voh)
+2.4
VDC
with Vs=12.0V or 5.0V and 15pF load
Rise/Fall Time
10
ns
Duty cycle
40
60
%
@ (Voh-Vol)/2
Frequency Tuning (EFC)
Tuning Range
±5.0
ppm
via external voltage, 0 to +Vdd
Outline Drawing / Enclosure


Similar Part No. - TX-3200-EBP-206

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-321 VECTRON-TX-321 Datasheet
532Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-3200-EBP-206

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com