Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-5000-DAP-507 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TX-5000-DAP-507
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-5000-DAP-507 Datasheet(HTML) 5 Page - Vectron International, Inc

  TX-5000-DAP-507 Datasheet HTML 1Page - Vectron International, Inc TX-5000-DAP-507 Datasheet HTML 2Page - Vectron International, Inc TX-5000-DAP-507 Datasheet HTML 3Page - Vectron International, Inc TX-5000-DAP-507 Datasheet HTML 4Page - Vectron International, Inc TX-5000-DAP-507 Datasheet HTML 5Page - Vectron International, Inc TX-5000-DAP-507 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
*bei W
≤ 24 mm nur untere Lochreihe
∗by W ≤ 24 mm only lower hole line
Gurtoberseite
Tape upper side
Gurtunterseite
Tape buttom side
Abwickelrichtung
Unwinding direction
Lage im Gurt
Position in tape
Pin 1
A
X
P
B
K
Production tolerance complying DIN IEC 286-3
Enclosure Type
Tape width W [mm]
Quantity per meter
Quantity per reel
Dimension P
G214B
24
83.3
850
12
Standard Shipping Methode
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
Typical Measurement Data
Phase Noise and Jitter
C2310 @12.8MHz
C2310 @20MHz Low phase Noise Version
Frequency range [Hz]
S
φ(f) [dB]
Jitter [ps rms]
20Hz to 0.5 MHz
-85,30 dB
0,675 ps
20kHZ to 0.5MHz
-89,10 dB
0,436 ps
TX-500
page: 5/6


Similar Part No. - TX-5000-DAP-507

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TX-500 MICROSEMI-TX-500 Datasheet
852Kb / 6P
   Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-500 VECTRON-TX-500_09 Datasheet
273Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-5000-DAP-507

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com