Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS5536C Datasheet(PDF) 8 Page - Intersema Sensoric SA

Part No. MS5536C
Description  SMD Gage Pressure MODULE
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSEMA [Intersema Sensoric SA]
Homepage  http://www.meas-spec.com/
Logo 

MS5536C Datasheet(HTML) 8 Page - Intersema Sensoric SA

Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DA5536C_002.doc
August 25th, 2008
8
0005536C1245 ECN1126
Pressure error vs supply voltage (typical)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Voltage (V)
600mbar
0mbar
Temperature error vs supply voltage (typical)
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Voltage (V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn