Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMM-168FLAA2-3B13N Datasheet(PDF) 1 Page - DDK Ltd.

Part # DMM-168FLAA2-3B13N
Description  DIMM Socket For Memory Expansion
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMM-168FLAA2-3B13N Datasheet(HTML) 1 Page - DDK Ltd.

  DMM-168FLAA2-3B13N Datasheet HTML 1Page - DDK Ltd. DMM-168FLAA2-3B13N Datasheet HTML 2Page - DDK Ltd. DMM-168FLAA2-3B13N Datasheet HTML 3Page - DDK Ltd. DMM-168FLAA2-3B13N Datasheet HTML 4Page - DDK Ltd. DMM-168FLAA2-3B13N Datasheet HTML 5Page - DDK Ltd. DMM-168FLAA2-3B13N Datasheet HTML 6Page - DDK Ltd. DMM-168FLAA2-3B13N Datasheet HTML 7Page - DDK Ltd. DMM-168FLAA2-3B13N Datasheet HTML 8Page - DDK Ltd. DMM-168FLAA2-3B13N Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
DIMM Socket For Memory Expansion
Workstations, Computers, Disk arrays and Servers
Applicable to 168-position module per JEDEC
standard MO-161
Board locks which prevent the connector from
lifting during reflow soldering
Voltage keying design for both 5V and 3.3V
modules
Available with locking ejector on either side or
both sides of connector
Insulator molded from surface mount compatible
plastic
Accepts DRAM, SDRAM and non-standard
DRAM module
Straight plug in design minimizes bending of
module
Low insertion force
Conforming To JEDEC Standard DMM Series, 168 Contacts
FEATURE
SPECIFICATION
Voltage rating
250V AC (rms)
Current rating
0.5A/contact
Dielectric withstanding voltage
500V AC (rms) for 1 minute
Insulation resistance
500MΩ min. at 500V DC
Contact resistance
40mΩmax.
MATERIAL/FINISH
Contact/Finish
Copper alloy/Gold over Nickel plating (mating),
Tin-lead plating (tail)
Insulator
Polyamide resin (UL94V-O)/Black
Ejector
Stainless steel
Board lock
Copper alloy/Solder plating
Lock
Polyamide resin (UL94V-O)/Black
DRAM Type
Voltage
P/N
Sync. DRAM
3.3V
DMM-168FLDA1-3A113
DMM-168FLDA1-3A133
DMM-168FLDA2-3A113
DMM-168FLDA2-3A133
DMM-168FLDA2-3A134
DMM-168FLDA2-3A13N
DMM-168FLDA2-3A135
DMM-168FLDA2-3B133
DMM-168FLDA2-3B137
DMM-168FLDA2-3B13N
DMM-168FLDA1-2A213
DMM-168FLDA2-2A213
DMM-168FLDA3-2A213
DMM-168FLDA4-2A213
5.0V
DMM-168FLHB1-3A114
DMM-168FLHB1-3A134
DMM-168FLHB2-3A114
DMM-168FLHB2-3A133
DMM-168FLHB2-3A134
Standard DRAM
3.3V
DMM-168FLEA1-3A113
DMM-168FLEA1-3A133
DMM-168FLEA1-3A13N
DMM-168FLEA1-3A163
DMM-168FLEA2-3A113
DMM-168FLEA2-3A117
DMM-168FLEA2-3A133
DMM-168FLEA2-3A134
DMM-168FLEA2-3A137
DMM-168FLEA2-3A163
DMM-168FLEA3-3A117
DMM-168FLEA3-3A137
5.0V
DMM-168FLFB1-3A116
DMM-168FLFB1-3A136
DMM-168FLFB2-2B214
DMM-168FLFB2-3A111
DMM-168FLFB2-3A116
DMM-168FLFB2-3A132
DMM-168FLFB2-3A133
DMM-168FLFB2-3A136
Non-Standard DRAM
3.3V
DMM-168FLAA1-1A233
DMM-168FLAA1-3A113
DMM-168FLAA1-3A133
DMM-168FLAA2-2A213
DMM-168FLAA2-2A233
DMM-168FLAA2-2A236
DMM-168FLAA2-2B212
DMM-168FLAA2-2B232
DMM-168FLAA2-2B233
DMM-168FLAA2-2B262
DMM-168FLAA2-2B263
DMM-168FLAA2-3A113
DMM-168FLAA2-3A116
DMM-168FLAA2-3A133
DMM-168FLAA2-3A136
DMM-168FLAA2-3A166
DMM-168FLAA2-3A13N
DMM-168FLAA2-3B112
DMM-168FLAA2-3B133
DMM-168FLAA2-3B13N
DMM-168FLAA2-3B162
DMM-168FLAA2-3A137
DMM-168FLAA2-3A163
DMM-168FLAA2-3A134
DMM-168FLAA3-1A233
DMM-168FLAA3-1A234
DMM-168FLAA3-3A113
DMM-168FLAA3-3A133
DMM-168FLAA3-3A136
DMM-168FLAA3-3A13N
DMM-168FLAA3-1B212
DMM-168FLAA4-3A113
DMM-168FLAA4-3A133
5.0V
DMM-168FLGB1-3A112
DMM-168FLGB1-3A132
DMM-168FLGB2-3A112
DMM-168FLGB2-3A132
1
DMM(168)


Similar Part No. - DMM-168FLAA2-3B13N

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMM-100G-432FNK31 DDK-DMM-100G-432FNK31 Datasheet
224Kb / 3P
   DIMM Socket for Memory Expansion
logo
Merrimac Industries, In...
DMM-12-500 MERRIMAC-DMM-12-500 Datasheet
1Mb / 1P
   DOUBLE BALANCED MIXERS
More results

Similar Description - DMM-168FLAA2-3B13N

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMM-100G-432FNK31 DDK-DMM-100G-432FNK31 Datasheet
224Kb / 3P
   DIMM Socket for Memory Expansion
DMM3-RS144A2B-13 DDK-DMM3-RS144A2B-13 Datasheet
361Kb / 4P
   SO-DIMM Socket for Memory Expansion
logo
Adam Technologies, Inc.
DIMM168V1 ADAM-TECH-DIMM168V1 Datasheet
121Kb / 1P
   DIMM SOCKET S.O. DIMM SOCKET DDR SOCKET
logo
Axiomtek Co., Ltd.
SBC86620 AXIOMTEK-SBC86620_16 Datasheet
264Kb / 1P
   1 PCI slot and MiniPCI socket for expansion
logo
Adam Technologies, Inc.
SOD-200-S-5-52-R-G-1 ADAM-TECH-SOD-200-S-5-52-R-G-1 Datasheet
137Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-52-2 ADAM-TECH-SOD-204-S-4-52-2 Datasheet
75Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-80-R-1 ADAM-TECH-SOD-204-S-4-80-R-1 Datasheet
140Kb / 1P
   SO DIMM SOCKET
SOD-200-S-3-80-2 ADAM-TECH-SOD-200-S-3-80-2 Datasheet
84Kb / 1P
   SO DIMM SOCKET
logo
Hirose Electric
MCR89-130D-1.27DSA HIROSE-MCR89-130D-1.27DSA Datasheet
135Kb / 4P
   Socket for Memory Module Board
logo
Adam Technologies, Inc.
SOD-204-S-4-40-R-1 ADAM-TECH-SOD-204-S-4-40-R-1 Datasheet
109Kb / 1P
   SO DIMM SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com