Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGM-04-2001 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CGM-04-2001
Description  Module Amplifier 2 GHz - 4 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CGM-04-2001 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CGM-04-2001 Datasheet HTML 1Page - Teledyne Technologies Incorporated CGM-04-2001 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
CGM-04-2001
Module Amplifier
2 GHz - 4 GHz
08/05
ISO 9001:2000
2 GHz - 4 GHz
CGM-04-2001
13 dB
Gain Vs Temp Coefficient per 1 deg C: -0.011 dB
1.8 dB
10 dBm
+/-0.5 dB
Contact Factory
60 mA
Contact Factory
1006NP
+25C
This Module Amplifier offers exceptional performance over the
band 2 GHz to 4 GHz with 10 dBm P1dB output power and 13
dB Gain.


Similar Part No. - CGM-04-2001

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CGM-04-0001 TELEDYNE-CGM-04-0001 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0002 TELEDYNE-CGM-04-0002 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0003 TELEDYNE-CGM-04-0003 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0004 TELEDYNE-CGM-04-0004 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0005 TELEDYNE-CGM-04-0005 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
More results

Similar Description - CGM-04-2001

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TGM-04-2001 TELEDYNE-TGM-04-2001 Datasheet
898Kb / 2P
   Module Amplifier 2 GHz - 4 GHz
CMA-4-2003 TELEDYNE-CMA-4-2003 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 4 GHz
CPA-4-2003 TELEDYNE-CPA-4-2003 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 4 GHz
CPA-4-2004 TELEDYNE-CPA-4-2004 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 4 GHz
CMA-4-2004 TELEDYNE-CMA-4-2004 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 4 GHz
CPA-4-2002 TELEDYNE-CPA-4-2002 Datasheet
894Kb / 2P
   Amplifier 2 GHz - 4 GHz
CMA-4-2002 TELEDYNE-CMA-4-2002 Datasheet
894Kb / 2P
   Amplifier 2 GHz - 4 GHz
TGM-06-2002 TELEDYNE-TGM-06-2002 Datasheet
851Kb / 2P
   Module Amplifier 2 GHz - 6 GHz
TGM-08-2001 TELEDYNE-TGM-08-2001 Datasheet
898Kb / 2P
   Module Amplifier 2 GHz - 8 GHz
TGM-20-2002 TELEDYNE-TGM-20-2002 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com