Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-0414-AAT-108 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # OX-0414-AAT-108
Description  Oven Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-0414-AAT-108 Datasheet(HTML) 5 Page - Vectron International, Inc

  OX-0414-AAT-108 Datasheet HTML 1Page - Vectron International, Inc OX-0414-AAT-108 Datasheet HTML 2Page - Vectron International, Inc OX-0414-AAT-108 Datasheet HTML 3Page - Vectron International, Inc OX-0414-AAT-108 Datasheet HTML 4Page - Vectron International, Inc OX-0414-AAT-108 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ordering Information
OX - 041 0 - B A T-108
0 - 10M0000000
Product Family
OX: OCXO
Package
50 x 50 mm
Height
0: A26.42mm
1: A20.00mm
2: B26.42mm
3: B20.00mm
4: C26.42mm
5: C20.00mm
6: C25.40mm
Supply Voltage
A: 15 Vdc
B: 12 Vdc
Frequency
Phase Noise Option
0: Standard
1: Option
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 3/24/2009 daf
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
RF Output Code
A: HCMOS
E: Sinewave
Temperature Range / Stability Code
E-308: -40°C to +85°C, ±30ppb
D-258: -40°C to +70°C, ±25ppb
J-208: -20°C to +70°C, ±20ppb
T-108: 0°C to +70°C, ±10ppb
Notes:
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
1.
frequencies.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
2.
control voltage, load, temperature (25°C).
Phase noise degrades with increasing output frequency.
3.
Subject to technical modi cation.
4.
Contact factory for availability.
5.


Similar Part No. - OX-0414-AAT-108

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-0420-AED-108 VECTRON-OX-0420-AED-108 Datasheet
456Kb / 4P
   Oven Controlled Crystal Oscillator
OX-0420-AEE-108 VECTRON-OX-0420-AEE-108 Datasheet
456Kb / 4P
   Oven Controlled Crystal Oscillator
OX-0420-AEJ-108 VECTRON-OX-0420-AEJ-108 Datasheet
456Kb / 4P
   Oven Controlled Crystal Oscillator
OX-0420-AET-108 VECTRON-OX-0420-AET-108 Datasheet
456Kb / 4P
   Oven Controlled Crystal Oscillator
OX-0420-BED-108 VECTRON-OX-0420-BED-108 Datasheet
456Kb / 4P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-0414-AAT-108

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com