Electronic Components Datasheet Search |
|
PX-5001-DAT-D Datasheet(PDF) 2 Page - Vectron International, Inc |
|
PX-5001-DAT-D Datasheet(HTML) 2 Page - Vectron International, Inc |
2 / 5 page Performance Speci cations Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Parameter Min Typ Max Units Condition vs. supply voltage change vs. load change vs. aging / 1 year vs. aging / year (following years) -2 -1 -3 -1 +2 +1 +3 +1 ppm ppm ppm ppm VS ± 5% Load ± 5% after 30 days of operation Supply Voltage (Vs) Supply voltage 4.75 5.0 5.25 VDC Supply voltage 3.135 3.3 3.465 VDC Supply voltage 2.375 2.5 2.625 VDC Current consumption (+5 VDC) 15 20 40 mA mA mA ACMOS or TTL 1.0 to 23.9 MHz ACMOS or TTL 24 to 49.9 MHz ACMOS or TTL 50 to 125.00 MHz Current consumption (+3.3 VDC or +2.5 VDC) 6 8 12 16 40 75 100 mA mA mA mA mA mA mA ACMOS 1.0 to 14.9 MHZ ACMOS 15.0 to 39.9 MHZ ACMOS 40.0 to 59.9 MHZ ACMOS 60.0 to 84.9 MHZ ACMOS 85.0 to 125.0 MHZ LVPECL or LVDS No load <200 MHz LVPECL or LVDS No load >200 MHz RF Output Signal ACMOS Load 15 50 pF Signal Level (Vol) 0.5 .3 .25 VDC VDC VDC with Vs=5.0V and 15pF load with Vs=3.3V and 15pF load with Vs= 2.5V and 15pF load Signal Level (Voh) 4.5 3.0 2.25 VDC VDC VDC with Vs=5.0V and 15pF load with Vs=3.3V and 15pF load with Vs=2.5V and 15pF load Rise and fall times for ACMOS (measured 10% to 90%) 10 6 3 ns ns ns 1.0 to 23.9 MHz 24.0 to 79.9 MHz 80.0 to 125.0 MHz Duty cycle 45 40 55 60 % % @ 50% < 15 MHz @ 50% => 15 MHz Signal TTL Load 10 pF Signal Level (Vol) 0.5 VDC with Vs=5.0V and 15pF load Signal Level (Voh) 4.5 VDC with Vs=5.0V and 15pF load Rise and fall times for ACMOS (measured 20% to 80%) 5 3 ns ns 1.0 to 23.9 MHz 24.0 to 125 MHz Duty cycle 45 40 55 60 % % @ 1.4V < 15 MHz @ 1.4V >= 15 MHz Signal LVPECL Load 50 ohm into Vcc-2V or There in Equivalent Signal Level (Vol) Vs -1.62 VDC -40....+85°C operating temp Signal Level (Voh) Vs- 1.025 VDC -40....+85°C operating temp Rise and fall times for ACMOS (measured 20% to 80%) 1000 600 ps ps < 100 MHz >= 100 MHz |
Similar Part No. - PX-5001-DAT-D |
|
Similar Description - PX-5001-DAT-D |