Electronic Components Datasheet Search |
|
TX-4000-DCJ-256 Datasheet(PDF) 2 Page - Vectron International, Inc |
|
TX-4000-DCJ-256 Datasheet(HTML) 2 Page - Vectron International, Inc |
2 / 5 page Performance Specifications Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Parameter Min Typ Max Units Condition RF Output Signal HCMOS Load 13.5 15 16.5 pF Signal Level (Vol) +0.5 +0.3 V with Vs=5.0V and 15pF load with Vs=3.3V and 15pF load Signal Level (Voh) 4.5 3.0 V with Vs=5.0V and 15pF load with Vs=3.3V and 15pF load Duty cycle 40 50 60 % @ (Voh-Vol)/2 Signal Clipped Sinewave Load R 9 10 11 kohm || C 9 10 11 pF Output Power 0.7 Vpp @ 10Kohm||10pF Signal PECL Load 50 ohm Signal Level (Vol) -1.6 V Signal Level (Voh) -1.04 V Duty cycle 40 60 % Rise/Fall Time 3 ns Signal Sinewave Load 50 ohm Output Power 0 6 dBm Harmonics -20 dBc Spurious -60 dBc Frequency Tuning (EFC) Tuning Range Fixed Frequency Initial Accuracy ±2.5 ppm @ +25°C Tuning Range ±8.0 ±12.0 ±20.0 ppm Linearity 10 % Tuning Slope Positive Control Voltage Range 0.3 0.5 1.65 2.5 3.0 4.5 VDC VDC with Vs=3.3VDC with Vs=5.0VDC Freq. control input impedance 10 kohm Additional Parameters1 Phase Noise3 (@ 40 MHz) -90 -120 -140 -150 dBc/Hz dBc/Hz dBc/Hz dBc/Hz 10 Hz 100 Hz 1 kHz 10 kHz Weight 6.0 g Processing & Packing Handling & processing note Absolute Maximum Ratings Supply voltage (Vs) 6.0 V Control Voltage 0 Vs V Maximum output load @ CMOS 50 pF Operable temperature range -40 +85 °C Storage temperature range -55 +125 °C |
Similar Part No. - TX-4000-DCJ-256 |
|
Similar Description - TX-4000-DCJ-256 |