Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-4220-DBC-KB Datasheet(PDF) 1 Page - Vectron International, Inc

Part # PX-4220-DBC-KB
Description  Hybrid TTL Clock Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-4220-DBC-KB Datasheet(HTML) 1 Page - Vectron International, Inc

  PX-4220-DBC-KB Datasheet HTML 1Page - Vectron International, Inc PX-4220-DBC-KB Datasheet HTML 2Page - Vectron International, Inc PX-4220-DBC-KB Datasheet HTML 3Page - Vectron International, Inc PX-4220-DBC-KB Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PX-422
Hybrid TTL Clock Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Sealed Ceramic Leadless Chip Carrier
Lowest Pro le
Frequency Range: 10 KHZ to 60 MHZ
Previous Model: CO-408, CO-448
Features
Applications
PX-422
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. operating temperature range
(referenced to +25°C)
-5
-10
-25
-50
-50
-100
+5
+10
+25
+50
+50
+100
ppm
ppm
ppm
ppm
ppm
pbm
0… +50°C
0… +50°C
0… +70°C (standard)
-55… +85°C
-55… +125°C
-55… +125°C
Initial tolerance
-50
-25
+50
+25
ppm
ppm
@+25°C
@+25°C
vs. aging / 1 year
vs. aging / year (following years)
-3
-2
+3
+2
ppm
ppm
after 30 days of operation
Supply Voltage (Vs)
Supply voltage (Standard)
4.75
5.0
5.25
VDC
±5 %, < 70 mA
RF Output
Signal
ACMOS, HCMOS
Signal
TTL
“0” Level
0.4
V
Performance Speci cations


Similar Part No. - PX-4220-DBC-KB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
   Hybrid TTL Clock Oscillator
More results

Similar Description - PX-4220-DBC-KB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
   Hybrid TTL Clock Oscillator
logo
Wolfgang Knap
SXO1000T WK-SXO1000T Datasheet
44Kb / 1P
   TTL CLOCK-OSCILLATOR
logo
Fox Electronics
F1100H FOX-F1100H Datasheet
119Kb / 1P
   TTL CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
CTS Corporation
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
   HCMOS/TTL Clock Oscillator
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com