Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-7010-EDJ-105 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # PX-7010-EDJ-105
Description  Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-7010-EDJ-105 Datasheet(HTML) 7 Page - Vectron International, Inc

  PX-7010-EDJ-105 Datasheet HTML 1Page - Vectron International, Inc PX-7010-EDJ-105 Datasheet HTML 2Page - Vectron International, Inc PX-7010-EDJ-105 Datasheet HTML 3Page - Vectron International, Inc PX-7010-EDJ-105 Datasheet HTML 4Page - Vectron International, Inc PX-7010-EDJ-105 Datasheet HTML 5Page - Vectron International, Inc PX-7010-EDJ-105 Datasheet HTML 6Page - Vectron International, Inc PX-7010-EDJ-105 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
How to order this product:
Supply Voltage Code:
E:
3,3 V
D:
5 V
RF Output Code:
A:
HCMOS
C:
PECL
D:
LVDS
Temperature Range/ Stability Code:
J-105: -20...+70°C ±10ppm
J-205: -20...+70°C ±20ppm over all
Height:
0:
2,3 mm
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
FX-701 page: 7/7
Use this worksheet to forward the following information to your factory representative :
Model
Height
- Supply Voltage
Code
RF Output
Code
Temperature
Range
-
Stability
X
-
Frequency
PX-701
0
-
D
A
J
-
105
X
-
10MHz
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available
at all frequencies.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply
voltage, frequency control voltage, load, temperature (25°C)
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.


Similar Part No. - PX-7010-EDJ-105

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-700 VECTRON-PX-700 Datasheet
449Kb / 6P
   Crystal Oscillator
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
PX-7000-DAC-F VECTRON-PX-7000-DAC-F Datasheet
449Kb / 6P
   Crystal Oscillator
PX-7000-DAC-K VECTRON-PX-7000-DAC-K Datasheet
449Kb / 6P
   Crystal Oscillator
PX-7000-DAE-D VECTRON-PX-7000-DAE-D Datasheet
449Kb / 6P
   Crystal Oscillator
More results

Similar Description - PX-7010-EDJ-105

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com