Electronic Components Datasheet Search |
|
PX-2000-AEA-DB Datasheet(PDF) 2 Page - Vectron International, Inc |
|
PX-2000-AEA-DB Datasheet(HTML) 2 Page - Vectron International, Inc |
2 / 4 page Performance Speci cations Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com Parameter Min Typ Max Units Condition Output Power (Option) +13 dBm (custom number required) Additional Parameters1 Phase Noise3 (typical 4-100 MHZ) -100 -125 -140 -145 dBc/Hz dBc/Hz dBc/Hz dBc/Hz 100 Hz 1 kHz 10 kHz 100 kHz Screen Testing of Above Models SCREEN TEST MIL-STD-883 METHOD Standard Options CLASS X CLASS B CLASS S Stabilization Bake (150°C) — X X Class S screen test requirements include 24 hour additional bake-out, 80 hour additional burn- in, thermal shock, PIND test and radiographic inspection in addition to Class B Screening. Has major cost impact. Seal Test (Gross and Fine) 1014, Cond A2 X X Temperature Cycling (Thermal Shock) 1010, Cond B X Burn-in, operating 160 hours @125°C — X Acceleration (5000g in Y1 axis) 2001, Cond A X |
Similar Part No. - PX-2000-AEA-DB |
|
Similar Description - PX-2000-AEA-DB |