Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PX-7010-DAJ-105 Datasheet(PDF) 7 Page - Vectron International, Inc

Part No. PX-7010-DAJ-105
Description  Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

PX-7010-DAJ-105 Datasheet(HTML) 7 Page - Vectron International, Inc

   
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
How to order this product:
Supply Voltage Code:
E:
3,3 V
D:
5 V
RF Output Code:
A:
HCMOS
C:
PECL
D:
LVDS
Temperature Range/ Stability Code:
J-105: -20...+70°C ±10ppm
J-205: -20...+70°C ±20ppm over all
Height:
0:
2,3 mm
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
FX-701 page: 7/7
Use this worksheet to forward the following information to your factory representative :
Model
Height
- Supply Voltage
Code
RF Output
Code
Temperature
Range
-
Stability
X
-
Frequency
PX-701
0
-
D
A
J
-
105
X
-
10MHz
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available
at all frequencies.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply
voltage, frequency control voltage, load, temperature (25°C)
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn